Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER250C-241000Z Datasheet(PDF) 9 Page - AIMTEC

Part # AMER250C-241000Z
Description  up to 10,000mA | AC-DC LED driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER250C-241000Z Datasheet(HTML) 9 Page - AIMTEC

Back Button AMER250C-241000Z Datasheet HTML 3Page - AIMTEC AMER250C-241000Z Datasheet HTML 4Page - AIMTEC AMER250C-241000Z Datasheet HTML 5Page - AIMTEC AMER250C-241000Z Datasheet HTML 6Page - AIMTEC AMER250C-241000Z Datasheet HTML 7Page - AIMTEC AMER250C-241000Z Datasheet HTML 8Page - AIMTEC AMER250C-241000Z Datasheet HTML 9Page - AIMTEC AMER250C-241000Z Datasheet HTML 10Page - AIMTEC AMER250C-241000Z Datasheet HTML 11Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Series AMER250C-Z
up to 10,000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R0
9 of 11
North America only
AMER250C-42600Z (3000 / 6000 mA)
Dimming Resistor/Dimming Voltage vs Percentage of Output Current
AMER250C-241000Z
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
5.000
5.500
6.000
6.500
15
20
25
30
35
40
45
Output Voltage (V)
115/230/277…
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
120%
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0 110.0 120.0
Dimming Resistance(k
Ω)
0
1
2
3
4
5
6
7
8
9
10
11
12
Dimming Voltage(V)
Io/Io(0 to 100k/10V)
Io/Io(0 to 100k/10V)


Similar Part No. - AMER250C-241000Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER250C-241000Z AIMTEC-AMER250C-241000Z Datasheet
815Kb / 11P
   up to 10,000mA | AC-DC LED driver
More results

Similar Description - AMER250C-241000Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER250C-Z AIMTEC-AMER250C-Z Datasheet
815Kb / 11P
   up to 10,000mA | AC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com