Electronic Components Datasheet Search |
|
M95128-BN6G Datasheet(PDF) 1 Page - STMicroelectronics |
|
M95128-BN6G Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 39 page 1/39 October 2004 M95256 M95128 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock FEATURES SUMMARY ■ Compatible with SPI Bus Serial Interface (Positive Clock SPI Modes) ■ Single Supply Voltage: – 4.5 to 5.5V for M95xxx – 2.5 to 5.5V for M95xxx-W – 1.8 to 5.5V for M95xxx-R ■ High Speed – 10MHz Clock Rate, 5ms Write Time ■ Status Register ■ Hardware Protection of the Status Register ■ BYTE and PAGE WRITE (up to 64 Bytes) ■ Self-Timed Programming Cycle ■ Adjustable Size Read-Only EEPROM Area ■ Enhanced ESD Protection ■ More than 100000 Erase/Write Cycles ■ More than 40-Year Data Retention Table 1. Product List Figure 1. Packages Reference Part Number M95256 M95256 M95256-W M95256-R M95128 M95128 M95128-W M95128-R PDIP8 (BN) 0.25 mm frame 8 1 SO8 (MN) 150 mil width 8 1 TSSOP8 (DW) 169 mil width SO8 (MW) 200 mil width 8 1 |
Similar Part No. - M95128-BN6G |
|
Similar Description - M95128-BN6G |