Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431IDBZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431IDBZT
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431IDBZT Datasheet(HTML) 1 Page - Texas Instruments

  TLVH431IDBZT Datasheet HTML 1Page - Texas Instruments TLVH431IDBZT Datasheet HTML 2Page - Texas Instruments TLVH431IDBZT Datasheet HTML 3Page - Texas Instruments TLVH431IDBZT Datasheet HTML 4Page - Texas Instruments TLVH431IDBZT Datasheet HTML 5Page - Texas Instruments TLVH431IDBZT Datasheet HTML 6Page - Texas Instruments TLVH431IDBZT Datasheet HTML 7Page - Texas Instruments TLVH431IDBZT Datasheet HTML 8Page - Texas Instruments TLVH431IDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS555D – NOVEMBER 2004 – REVISED FEBRUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low-Voltage Operation . . . Down to 1.24 V
D Reference Voltage Tolerances at 255C
− 0.5% for B Grade
− 1% for A Grade
− 1.5% for Standard Grade
D Adjustable Output Voltage, VO = VREF to 18 V
D Wide Operating Cathode Current Range . . .
55
µA to 80 mA
D 0.25-Ω Typical Output Impedance
D −405C to 1255C Specifications
D TLVH432 Provides Alternative Pinouts for
SOT-23-3 and SOT-89 Packages
D Ultra-Small SC-70 Package Offers 40%
Smaller Footprint Than SOT-23-3
REF
ANODE
CATHODE
TLVH431
LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC - No internal connection
* Pin 2 is connected internally to ANODE
(die substrate). Pin 2 should be
connected to ANODE or left floating.
TLVH431
DBV (SOT23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
*NC
CATHODE
ANODE
REF
TLVH431
DBZ (SOT23-3) PACKAGE
(TOP VIEW)
1
2
3
REF
CATHODE
ANODE
TLVH431
DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
TLVH431
PK (SOT-89) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
NC - No internal connection
ANODE
TLVH432
PK (SOT-89) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
ANODE
TLVH432
DBZ (SOT23-3) PACKAGE
(TOP VIEW)
1
2
3
CATHODE
REF
ANODE
TLVH431
DBZ (SOT23-3) PACKAGE
(TOP VIEW)
1
2
3
REF
CATHODE
ANODE
description/ordering information
The TLVH431 and TLVH432 are low-voltage 3-terminal adjustable voltage references with specified thermal
stability over applicable industrial and commercial temperature ranges. Output voltage can be set to any value
between VREF (1.24 V) and 18 V with two external resistors (see Figure 2). These devices operate from a lower
voltage (1.24 V) than the widely used TL431 and TL1431 shunt-regulator references.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLVH431IDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431IDBZT TI-TLVH431IDBZT Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431IDBZT TI-TLVH431IDBZT Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431IDBZT TI1-TLVH431IDBZT Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431IDBZTG4 TI-TLVH431IDBZTG4 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431IDBZTG4 TI-TLVH431IDBZTG4 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431IDBZT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com