Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCS2516 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS2516
Description  Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS2516 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS2516 Datasheet HTML 1Page - Vishay Siliconix VCS2516 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
www.vishay.com
33
VCS2516
Vishay Foil Resistors
Document Number: 63023
Revision 26-Jan-05
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
MODEL
CHIP SIZE
RESISTANCE VALUE
TOLERANCE
TERMINATION
PACKAGING
VCS
2516
RESISTANCE
LETTER
MULTIPLIER
A ± 0.05%
S - Lead (Pb)-free
T = Tape and
RANGE
DESIGNATOR
FACTOR
B ± 0.1%
B - Tin/Lead
Reel
C ± 0.25%
G - Gold Plated
W = Waffle
0.01Ω to 1.0Ω
R
x 1.0
D ± 0.5%
PacK
F ± 1.0%
G ± 2.0%
J ± 5.0%
VALUE (
)
TCR (ppm/
°C)
> 0R500 to 1R0
± 10
> 0R100 to 0R500
± 15
> 0R050 to 0R100
± 20
> 0R030 to 0R050
± 35
> 0R020 to 0R030
± 50
0R01 to 0R020
± 80
TABLE 1 - TEMPERATURE COEFFICIENT OF RESISTANCE – 55°C TO + 125°C, + 25°C REF.
TABLE 4 - ORDERING INFORMATION
TABLE 3 - CHARACTERISTICS
MODEL
RESISTANCE
RESISTANCE
POWER RATING
MAXIMUM
NUMBER
RANGE
TOLERANCE
@ + 85
°C
CURRENT
VCS2516
0.1Ω to 1.0Ω
± 1.0%
1 watt
5 Ampere
0.01Ω to < 0.1Ω
Standard
on ceramic
substrate
± 0.5% and ± 0.1%
(0.5 W on FR4
available
PC Board)
TEST
MIL-PRF-55342
MAXIMUM
R LIMITS
R LIMITS*
Thermal Shock 5x (-65˚C to + 150˚C)
± 0.10%
± 0.02%
Low Temperature Operation
± 0.10%
± 0.02%
Short Time Overload
± 0.10%
± 0.02%
High Temperature Exposure
± 0.10%
± 0.02%
Resistance to Bonding Exposure
± 0.2%
± 0.05%
Moisture Resistance
± 0.2%
± 0.03%
Life 2000 @ 70˚C: Rated Power On Ceramic PCB
± 0.5%
± 0.05%
TABLE 2 - PERFORMANCE SPECIFICATIONS
*Error at low values as shown + 0.001 for measurement.
Note: Tighter Tolerances are available. Please contact Application Engineering.


Similar Part No. - VCS2516

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCS25AT FOX-VCS25AT Datasheet
220Kb / 1P
   VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCS25ATR FOX-VCS25ATR Datasheet
220Kb / 1P
   VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCS25AXT FOX-VCS25AXT Datasheet
122Kb / 1P
   3.3V LOW PROFILE SMD VCXO
VCS25AXTR FOX-VCS25AXTR Datasheet
122Kb / 1P
   3.3V LOW PROFILE SMD VCXO
More results

Similar Description - VCS2516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
   Metal Foil Current Sensing Chip Resistors
logo
Vishay Siliconix
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
CSM VISHAY-CSM Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
   Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
   Metal Foil Current Sensing Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com