Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4065B-AFLG3 Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # U4065B-AFLG3
Description  FM Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4065B-AFLG3 Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button U4065B-AFLG3 Datasheet HTML 6Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 7Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 8Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 9Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 10Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 11Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 12Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 13Page - TEMIC Semiconductors U4065B-AFLG3 Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
U4065B
Rev. A3, 15-Oct-98
10 (23)
Test Circuit
IF 1
IF 2
AGC
block
Mixer
Interference
mixer
amplifier
Local
oscillator
21
50
1
5
62
4.7n
4
20
7
52
3
10
I10
V
1
5
6
2
Vs
vo IF
50
1
5
6
2
4.7n
4.7n
18
19
14
15
16
24
23
50
vi RF
Losc
47p
33p
12
470p
RL1
vLOBUFF
fLOBUFF
1
22
11
1
5
6
2
vo IF
50
1
5
6
2
50
vi IF
4.7n
1
m
9
17
6
Vs
1
5
6
2
Vs
50
1
5
6
2
1
5
6
2
Voltage
regulator
4.7n
50
4.7n
50
vi IF
vo IF
vo IF
Gain IF 1
I18,19
8
I6
13
I3
RG15,16
RL18,19
RG21
I4
RL7 RG5
RL3
R13
RG9
RG11
RLOBUFF
1
5
6
2
0
0
4
50
200
Z/Ohm
RF Transformers MCL
Type TMO 4 – 1
vi IF
0 to 140
mA
Rg24
94 8829
Vref = 4 V
IL = 0.7 dB
8 p
fosc
Cosc
AGC adjust
(wide band)
I13
4.7n
Interference


Similar Part No. - U4065B-AFLG3

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U406 CALOGIC-U406 Datasheet
26Kb / 2P
   Dual N-Channel JFET Switch
logo
Linear Integrated Syste...
U406 LINEAR-U406 Datasheet
241Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U406 INTERSIL-U406 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
U406 MICROSS-U406 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406 MICROSS-U406 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - U4065B-AFLG3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Samsung semiconductor
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
logo
List of Unclassifed Man...
RWS-88D ETC2-RWS-88D Datasheet
600Kb / 3P
   FM STRERO RECEIVER
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
   FM Communications Receiver
logo
List of Unclassifed Man...
RFM-07088 ETC2-RFM-07088 Datasheet
155Kb / 4P
   One Chip FM Receiver
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com