Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5509AGHH Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320VC5509AGHH
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509AGHH Datasheet(HTML) 3 Page - Texas Instruments

  TMS320VC5509AGHH Datasheet HTML 1Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 2Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 3Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 4Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 5Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 6Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 7Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 8Page - Texas Instruments TMS320VC5509AGHH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 144 page
background image
Revision History
3
November 2002 − Revised January 2005
SPRS205D
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS205C device-specific data
sheet to make it an SPRS205D revision.
Scope: Added Section 4.1, Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability; added
179-terminal ZHH lead-free package; removed Secure ROM (SROM); added Package Addendum, etc.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
Global:
− added 179-terminal ZHH lead-free package
− deleted Section 3.1.4, Secure ROM
− deleted Table 3−40, Secure ROM Register
− moved “Package Thermal Resistance Characteristics” section to Section 6, Mechanical Data
− added Package Addendum
13
Section 1, TMS320VC5509A Features:
− added “179-Terminal Lead-Free MicroStar BGA
 (Ball Grid Array) (ZHH Suffix)” feature
19
Table 2−3, Signal Descriptions:
− HPI.HRDY: changed value of “I/O/Z” column from “O/Z” to “O”
33
Section 3.1.3, On-Chip Read-Only Memory (ROM):
− deleted “The 16K ROM blocks at FFC000 to FFFFFF can be configured as secure ROM. (See Section 3.1.4.)” from
“The one-wait-state ROM is located at the byte address range FF0000h−FFFFFFh ...” paragraph
34
Figure 3−2, TMS320VC5509A Memory Map (PGE Package):
− removed SROM block
35
Section 3.1.4.2, GHH and ZHH Package Memory Map:
− updated section to include 179-terminal ZHH package
35
Figure 3−3, TMS320VC5509A Memory Map (GHH and ZHH Packages):
− removed SROM block
40
Section 3.5.1, External Bus Selection Register (EBSR):
− appended “After reset, the parallel port should be selected to function in either EMIF mode or HPI mode. Dynamic
switching of the parallel port, once configured, is not recommended.” to “The reset value of the parallel port mode bit field
is determined by ...” paragraph
47
Section 3.6.2, Address Bus General-Purpose I/O:
− appended “Note that the AGPIOEN bits should be set prior to setting the AGPIODIR bits.” to “The 16 address signals,
EMIF.A[15−0], can also be individually enabled as GPIO ...” paragraph
67
Table 3−33, I2C Module Registers:
− 0x3C0B: changed “I2C General-Purpose Register” (I2CGPIO) to “Reserved”
77
Section 4:
− renamed section from “Documentation Support” to “Support”
77
Section 4, Support:
− added Section 4.1, Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
− added Section 4.1.1, Initialization Requirements for Boundary Scan Test
− added Section 4.1.2, Boundary Scan Description Language (BSDL) Model
77
Added section title “4.2 Documentation Support”
78
Updated Section 4.3, Device and Development-Support Tool Nomenclature


Similar Part No. - TMS320VC5509AGHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5509AGHH TI1-TMS320VC5509AGHH Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5509AGHH TI1-TMS320VC5509AGHH Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5509AGHH TI1-TMS320VC5509AGHH Datasheet
2Mb / 147P
[Old version datasheet]   TMS320VC5509A Fixed-Point Digital Signal Processor
TMS320VC5509AGHHAU TI1-TMS320VC5509AGHHAU Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5509AGHHR TI1-TMS320VC5509AGHHR Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5509AGHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5509A TI1-TMS320VC5509A_V01 Datasheet
2Mb / 147P
[Old version datasheet]   TMS320VC5509A Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com