Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7530PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWPR Datasheet(HTML) 2 Page - Texas Instruments

  THS7530PWPR Datasheet HTML 1Page - Texas Instruments THS7530PWPR Datasheet HTML 2Page - Texas Instruments THS7530PWPR Datasheet HTML 3Page - Texas Instruments THS7530PWPR Datasheet HTML 4Page - Texas Instruments THS7530PWPR Datasheet HTML 5Page - Texas Instruments THS7530PWPR Datasheet HTML 6Page - Texas Instruments THS7530PWPR Datasheet HTML 7Page - Texas Instruments THS7530PWPR Datasheet HTML 8Page - Texas Instruments THS7530PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
DESIGNATOR
SYMBOL
TEMPERATURE
RANGE, TA
ORDERING
NUMBER
TRANSPORT
MEDIA
THS7530
TSSOP PowerPAD
PWP 14
THS7530
40
°Cto85°C
THS7530PWP
Tube
THS7530
TSSOP PowerPAD
PWP-14
THS7530
–40
°C to 85°C
THS7530PWPR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
THS7530
Supply voltage, VS+ – Vs–
5.5 V
Input voltage, VI
±VS
Output current, IO (2)
65 mA
Differential input voltage, VID
±4 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ
150
°C
Maximum junction temperature for long term stability, TJ
125
°C
Operating free-air temperature range, TA
–40
°C to 85°C
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
3000 V
ESD
CDM
1500 V
ESD
MM
200 V
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) The THS7530 incorporates a PowerPAD
 on the underside of the chip. This acts as a heatsink and must be connected to a thermally dissipative
plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature which could permanently damage
the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the PowerPAD thermally enhanced package.
RECOMMENDED OPERATING CONDITIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, [VS– to VS+]
4.5
5
5.5
V
Operating free–air temperature, TA
–40
85
°C
Input common mode voltage
[VS– to VS+] = 5 V
2.5
V
Output common mode voltage
[VS– to VS+] = 5 V
2.5
V
PACKAGE THERMAL DATA
PACKAGE
PCB
ΘJA
( C/W)
ΘJC
( C/W)
TA = 25°C
POWER RATING
14PWP
See Layout Considerations in the application
section of this data sheet.
37.5
2.07
3 W
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS7530PWPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530PWPR NSC-THS7530PWPR Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPRG4 NSC-THS7530PWPRG4 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
More results

Similar Description - THS7530PWPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
[Old version datasheet]   LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
   Differential CATV Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com