Electronic Components Datasheet Search |
|
M95256-MN3P Datasheet(PDF) 9 Page - STMicroelectronics |
|
M95256-MN3P Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 39 page 9/39 M95256, M95128 OPERATING FEATURES Power-up When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip Select (S) must be al- lowed to follow the VCC voltage. It must not be al- lowed to float, but should be connected to VCC via a suitable pull-up resistor. As a built in safety feature, Chip Select (S) is edge sensitive as well as level sensitive. After Power- up, the device does not become selected until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select (S) must have been High, prior to going Low to start the first op- eration. Power On Reset: VCC Lock-Out Write Protect In order to prevent data corruption and inadvertent Write instructions during Power-up, a Power On Reset (POR) circuit is included. The internal reset is held active until VCC has reached the Power On Reset (POR) threshold voltage, and all operations are disabled – the device will not respond to any instruction. In the same way, when VCC drops from the operating voltage, below the Power On Reset (POR) threshold voltage, all operations are dis- abled and the device will not respond to any in- struction. A stable and valid VCC must be applied before ap- plying any logic signal. Power-down At Power-down, the device must be deselected. Chip Select (S) should be allowed to follow the voltage applied on VCC. Active Power and Standby Power Modes When Chip Select (S) is Low, the device is select- ed, and in the Active Power mode. The device consumes ICC, as specified in Table 13. to Table 17.. When Chip Select (S) is High, the device is dese- lected. If an Erase/Write cycle is not currently in progress, the device then goes in to the Standby Power mode, and the device consumption drops to ICC1. Hold Condition The Hold (HOLD) signal is used to pause any se- rial communications with the device without reset- ting the clocking sequence. During the Hold condition, the Serial Data Output (Q) is high impedance, and Serial Data Input (D) and Serial Clock (C) are Don’t Care. To enter the Hold condition, the device must be selected, with Chip Select (S) Low. Normally, the device is kept selected, for the whole duration of the Hold condition. Deselecting the de- vice while it is in the Hold condition, has the effect of resetting the state of the device, and this mech- anism can be used if it is required to reset any pro- cesses that had been in progress. The Hold condition starts when the Hold (HOLD) signal is driven Low at the same time as Serial Clock (C) already being Low (as shown in Figure 6.). The Hold condition ends when the Hold (HOLD) signal is driven High at the same time as Serial Clock (C) already being Low. Figure 6. also shows what happens if the rising and falling edges are not timed to coincide with Serial Clock (C) being Low. Figure 6. Hold Condition Activation AI02029D HOLD C Hold Condition Hold Condition |
Similar Part No. - M95256-MN3P |
|
Similar Description - M95256-MN3P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |