Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74ACT640P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74ACT640P
Description  OCTAL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT640P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74ACT640P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT640P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC51WHM516AXBN65,70
2002-08-22
4/11
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
==== −−−−25°C to 85°C, VDD ==== 2.6 to 3.3 V) (See Note 5 to 11)
TC51WHM516AXBN
65
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
65
10000
70
10000
ns
tACC
Address Access Time
65
70
ns
tCO
Chip Enable ( CE1 ) Access Time
65
70
ns
tOE
Output Enable Access Time
25
25
ns
tBA
Data Byte Control Access Time
25
25
ns
tCOE
Chip Enable Low to Output Active
10
10
ns
tOEE
Output Enable Low to Output Active
0
0
ns
tBE
Data Byte Control Low to Output Active
0
0
ns
tOD
Chip Enable High to Output High-Z
20
20
ns
tODO
Output Enable High to Output High-Z
20
20
ns
tBD
Data Byte Control High to Output High-Z
20
20
ns
tOH
Output Data Hold Time
10
10
ns
tPM
Page Mode Time
65
10000
70
10000
ns
tPC
Page Mode Cycle Time
30
30
ns
tAA
Page Mode Address Access Time
30
30
ns
tAOH
Page Mode Output Data Hold Time
10
10
ns
tWC
Write Cycle Time
65
10000
70
10000
ns
tWP
Write Pulse Width
50
50
ns
tCW
Chip Enable to End of Write
65
70
ns
tBW
Data Byte Control to End of Write
60
60
ns
tAW
Address Valid to End of Write
60
60
ns
tAS
Address Set-up Time
0
0
ns
tWR
Write Recovery Time
0
0
ns
tODW
WE Low to Output High-Z
20
20
ns
tOEW
WE High to Output Active
0
0
ns
tDS
Data Set-up Time
30
30
ns
tDH
Data Hold Time
0
0
ns
tCS
CE2 Set-up Time
0
0
ns
tCH
CE2 Hold Time
300
300
µs
tDPD
CE2 Pulse Width
10
10
ms
tCHC
CE2 Hold from CE1
0
0
ns
tCHP
CE2 Hold from Power On
30
30
µs
AC TEST CONDITIONS
PARAMETER
CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
VDD − 0.2 V, 0.2 V
Timing measurements
VDD × 0.5
Reference level
VDD× 0.5
tR, tF
5 ns


Similar Part No. - TC74ACT640P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT640P TOSHIBA-TC74ACT640P Datasheet
299Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74ACT640P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com