Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCB164245ZQLR Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AVCB164245ZQLR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCB164245ZQLR Datasheet(HTML) 4 Page - Texas Instruments

  74AVCB164245ZQLR Datasheet HTML 1Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 2Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 3Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 4Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 5Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 6Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 7Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 8Page - Texas Instruments 74AVCB164245ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74AVCB164245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES394B − JUNE 2002 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 6)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.4
3.6
V
VCCB
Supply voltage
1.4
3.6
V
High-level input
1.4 V to 1.95 V
VCCI × 0.65
VIH
High-level input
voltage
Data inputs
1.95 V to 2.7 V
1.7
V
VIH
voltage
Data inputs
2.7 V to 3.6 V
2
V
Low-level input
1.4 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
voltage
Data inputs
1.95 V to 2.7 V
0.7
V
VIL
voltage
Data inputs
2.7 V to 3.6 V
0.8
V
High-level input
Control inputs
1.4 V to 1.95 V
VCCB × 0.65
VIH
High-level input
voltage
Control inputs
(Referenced to VCCB)
1.95 V to 2.7 V
1.7
V
VIH
voltage
(Referenced to VCCB)
2.7 V to 3.6 V
2
V
Low-level input
Control inputs
1.4 V to 1.95 V
VCCB × 0.35
VIL
Low-level input
voltage
Control inputs
(Referenced to VCCB)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(Referenced to VCCB)
2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
3.6
V
VO
Output voltage
Active state
0
VCCO
V
VO
Output voltage
3-state
0
3.6
V
1.4 V to 1.6 V
−2
IOH
High-level output current
1.65 V to 1.95 V
−4
mA
IOH
High-level output current
2.3 V to 2.7 V
−8
mA
3 V to 3.6 V
−12
1.4 V to 1.6 V
2
IOL
Low-level output current
1.65 V to 1.95 V
4
mA
IOL
Low-level output current
2.3 V to 2.7 V
8
mA
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - 74AVCB164245ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCB164245ZQLR TI-74AVCB164245ZQLR Datasheet
531Kb / 18P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCB164245ZQLR TI-74AVCB164245ZQLR Datasheet
612Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCB164245ZQLR TI-74AVCB164245ZQLR Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCB164245ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com