Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCB164245GR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCB164245GR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCB164245GR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVCB164245GR Datasheet HTML 3Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 4Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 5Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 6Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 7Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 8Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 9Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 10Page - Texas Instruments SN74AVCB164245GR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74AVCB164245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES394B − JUNE 2002 − REVISED MARCH 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 3.3 V ± 0.3 V (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
B
1.5
5.9
1.7
5.4
1.5
3.7
1.4
3.1
ns
tpd
B
A
1.3
4.5
1.6
3.8
1.5
3.3
1.4
3.1
ns
ten
OE
A
2.6
8.3
2.5
7.4
2.2
5.2
1.9
4.1
ns
ten
OE
B
1.6
4.9
2
4.5
2
4.3
1.9
4.1
ns
tdis
OE
A
2.3
7
3
6
1.3
3.5
1.2
3.5
ns
tdis
OE
B
1.3
6.9
2.1
5.5
1.6
3.8
1.5
3.5
ns
operating characteristics, VCCA and VCCB = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance per transceiver,
Outputs enabled
14
CpdA
(V
)
Power dissipation capacitance per transceiver,
A port input, B port output
Outputs disabled
CL = 0,
f = 10 MHz
7
pF
CpdA
(VCCA) Power dissipation capacitance per transceiver,
Outputs enabled
CL = 0,
f = 10 MHz
20
pF
CCA
Power dissipation capacitance per transceiver,
B port input, A port output
Outputs disabled
7
Power dissipation capacitance per transceiver,
Outputs enabled
20
CpdB
Power dissipation capacitance per transceiver,
A port input, B port output
Outputs disabled
CL = 0,
f = 10 MHz
7
pF
CpdB
(VCCB) Power dissipation capacitance per transceiver,
Outputs enabled
CL = 0,
f = 10 MHz
14
pF
(VCCB) Power dissipation capacitance per transceiver,
B port input, A port output
Outputs disabled
7


Similar Part No. - SN74AVCB164245GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB164245GR TI-SN74AVCB164245GR Datasheet
531Kb / 18P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245GR TI-SN74AVCB164245GR Datasheet
612Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245GR TI-SN74AVCB164245GR Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCB164245GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com