Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ27C256-30JM Datasheet(PDF) 5 Page - Austin Semiconductor

Part # SMJ27C256-30JM
Description  256K UVEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C256-30JM Datasheet(HTML) 5 Page - Austin Semiconductor

  SMJ27C256-30JM Datasheet HTML 1Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 2Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 3Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 4Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 5Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 6Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 7Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 8Page - Austin Semiconductor SMJ27C256-30JM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UVEPROM
SMJ27C256
Austin Semiconductor, Inc.
SMJ27C256
Rev. 1.0 9/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
** All voltage values are with respect to GND.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage Range, V
CC
**...........................-0.6V to +7.0V
Supply Voltage Range, V
pp
**.........................-0.6V to +14.0V
Input Voltage Range, All inputs except A9
**..-0.6V to +6.5V
A9.....-0.6V to +13.5V
Output Voltage Range**...............................-0.6V to V
CC
+1V
Minimum Operating Free-air Temperature, T
A
..............-55°C
Maximum Operating Case Temperature, T
C
...................125°C
Storage Temperature Range, T
stg
.....................-65°C to 150°C
RECOMMENDED OPERATING CONDITIONS
NOTES:
1. V
CC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The deivce must not be inserted into or removed from the
board when V
PP or VCC is applied.
2. V
PP can be connected to VCC directly (except in the program mode). VCC supply current in this case would be ICC2 + IPP1.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE AND
OPERATING FREE-AIRTEMPERATURE
NOTES:
1. Typical values are at T
A
=25°C and nominal voltages.
2. This parameter has been characterized at 25°C and is not tested.
MIN
TYP
MAX
UNIT
4.5
5
5.5
V
6.25
6.5
6.75
V
VCC-0.6
V
12.75
13
13.25
V
TTL inputs
2
VCC+1
V
CMOS inputs
VCC-0.2
VCC+1
V
TTL inputs
-0.5
0.8
V
CMOS inputs
-0.5
0.2
V
VID
11.5
13
V
TA
-55
°C
TC
+125
°C
VCC
Read Mode
1
SNAP! Pulse programming algorithm
Supply Voltage
Read Mode
2
SNAP! Pulse programming algorithm
VPP
High-level input voltage
VIH
Supply Voltage
VIL
Low-level input voltage
Operating free-air temperature
Operating case temperature
Voltage level on A9 for signature mode
TEST CONDITIONS
MIN
TYP
1
MAX
UNIT
VOH
IOH = -400µA
2.4
V
VOL
IOL = 2.1mA
0.4
V
II
VI = 0V to 5.5V
±1
µA
IO
VO = 0V to VCC
±1
µA
IPP1
VPP = VCC = 5.5V
10
µA
IPP2
VPP = 13V
35
50
mA
TTL-Input Level
VCC = 5.5V, E\=VIH
500
µA
CMOS-Input Level
VCC = 5.5V, E\=VCC
300
µA
ICC2
VCC supply current (active)
'27C256-15
'27C256-17
'27C256-20
'27C256-25
E\=VIL, VCC=5.5V
tcycle = minimum, outputs
open
15
25
mA
IOS
100
mA
Output current (leakage)
PARAMETER
ICC1
VCC supply current (standby)
High-level output voltage
Low-level output voltage
Input current (leakage)
VPP supply current
Output current (leakage)
VPP supply current (during program pulse)
2


Similar Part No. - SMJ27C256-30JM

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SMJ27C256 SAMHOP-SMJ27C256 Datasheet
185Kb / 10P
   Built-in adjustable OSC
More results

Similar Description - SMJ27C256-30JM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
   UVEPROM
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com