Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4123G-BM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4123G-BM
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4123G-BM Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4123G-BM Datasheet HTML 1Page - Silicon Laboratories SI4123G-BM Datasheet HTML 2Page - Silicon Laboratories SI4123G-BM Datasheet HTML 3Page - Silicon Laboratories SI4123G-BM Datasheet HTML 4Page - Silicon Laboratories SI4123G-BM Datasheet HTML 5Page - Silicon Laboratories SI4123G-BM Datasheet HTML 6Page - Silicon Laboratories SI4123G-BM Datasheet HTML 7Page - Silicon Laboratories SI4123G-BM Datasheet HTML 8Page - Silicon Laboratories SI4123G-BM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev. 1.1 4/01
Copyright © 2001 by Silicon Laboratories
Si4133G-DS11
Si41 33G
Si412 3G/22G/13G/12G
D UAL -B AND RF S YNT H ESIZ E R W IT H I N T EGRATED VC O S
F OR GSM AND GP RS WIRELE S S C OM MUNICATI O NS
Features
Applications
Description
The Si4133G is a monolithic integrated circuit that performs both IF and
dual-band RF synthesis for GSM and GPRS wireless communications
applications. The Si4133G includes three VCOs, loop filters, reference and
VCO dividers, and phase detectors. Divider and power down settings are
programmable through a three-wire serial interface.
Functional Block Diagram
!
Dual-Band RF Synthesizers
"
RF1: 900 MHz to 1.8 GHz
"
RF2: 750 MHz to 1.5 GHz
!
IF Synthesizer
"
IF: 500 MHz to 1000 MHz
!
Integrated VCOs, Loop Filters,
Varactors, and Resonators
!
Minimal External Components
Required
!
Fast Settling Time: 140
µs
!
Low Phase Noise
!
Programmable Power Down Modes
!
1 µA Standby Current
!
18 mA Typical Supply Current
!
2.7 V to 3.6 V Operation
!
Packages: 24-Pin TSSOP and
28-Pin MLP
!
GSM, DCS1800, and PCS1900
Cellular Telephones
!
GPRS Data Terminals
!
HSCSD Data Terminals
IFO U T
IFL A
IFL B
RFL C
RFL D
RFL A
RFL B
RFO U T
XIN
PW D N B
SD AT A
SC LK
SEN B
IF
RF2
RF1
÷ 65
AU XOU T
÷ N
÷ N
÷ N
P hase
Detector
P hase
Detector
P hase
Detector
22-b it
Data
R egister
Serial
Interfa ce
Pow er
Down
C ontrol
Refe re nce
A m p lifier
Test
Mux
Patents pending
Ordering Information:
See page 28.
Pin Assignments
Si4133G-BT
Si4133G-BM
SC LK
SD ATA
GN DR
RFL D
RFL C
GN DR
RFL B
RFL A
GN DR
GN DR
RFOU T
VD DR
SEN B
VD DI
IF O U T
GN DI
IFLB
IFLA
GN DD
VD DD
GN DD
XIN
P W DNB
AUXO U T
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
4
5
6
7
1
2
3
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
GN DI
IF L B
IF L A
GN DD
VD DD
GN DD
XIN
GN DR
R FLD
R FLC
GN DR
R FLB
R FLA
GN DR


Similar Part No. - SI4123G-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4123 ETC-SI4123 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4123 SILABS-SI4123 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4123-BM ETC-SI4123-BM Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4123-BT ETC-SI4123-BT Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4123-D-GM SILABS-SI4123-D-GM Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4123G-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com