Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6954ADQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6954ADQ
Description  N-Channel 2.5-V (G-S) Battery Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6954ADQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6954ADQ Datasheet HTML 1Page - Vishay Siliconix SI6954ADQ Datasheet HTML 2Page - Vishay Siliconix SI6954ADQ Datasheet HTML 3Page - Vishay Siliconix SI6954ADQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6954ADQ
Vishay Siliconix
New Product
www.siliconix.com
S FaxBack 408-970-5600
2
Document Number: 71130
S-00013—Rev. A, 24-Jan-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 55_C
10
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 3.4 A
0.044
0.053
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 2.9 A
0.062
0.075
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.4 A
10
S
Diode Forward Voltagea
VSD
IS = 0.83 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
V10 V V
10 V I
3 4 A
8
16
C
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 10 V, ID = 3.4 A
1.4
nC
Gate-Drain Charge
Qgd
1.2
Turn-On Delay Time
td(on)
V10 V R
10
W
12
20
Rise Time
tr
VDD = 10 V, RL = 10 W
I
1 A V
10 V R
6
W
10
20
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ 1 A, VGEN = 10 V, RG = 6 W
23
45
ns
Fall Time
tf
8
15
Source-Drain Reverse Recovery Time
trr
IF = 0.83 A, di/dt = 100 A/ms
25
40
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
012345
0
4
8
12
16
20
012
34
VGS = 10 thru 5 V
TC = 125_C
–55
_C
4 V
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
3 V


Similar Part No. - SI6954ADQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6954ADQ-T1-E3 VBSEMI-SI6954ADQ-T1-E3 Datasheet
936Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI6954ADQ-T1-GE3 VISHAY-SI6954ADQ-T1-GE3 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
More results

Similar Description - SI6954ADQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6965DQ VISHAY-SI6965DQ Datasheet
53Kb / 4P
   P-Channel 2.5-V (G-S) Battery Switch
Rev. B, 02-Nov-98
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com