Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU20N40 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SGU20N40
Description  High input impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGU20N40 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SGU20N40 Datasheet HTML 1Page - Fairchild Semiconductor SGU20N40 Datasheet HTML 2Page - Fairchild Semiconductor SGU20N40 Datasheet HTML 3Page - Fairchild Semiconductor SGU20N40 Datasheet HTML 4Page - Fairchild Semiconductor SGU20N40 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
SGR20N40L / SGU20N40L Rev. A1
Fig 7. Turn-On Characteristics vs.
Gate Resistance
Fig 8. Collector Current Limit vs.
Gate - Emitter Voltage Limit
0
1020
30
4050
60
0
2
4
6
Common Emitter
V
CC
= 300V, R
L
= 2Ω
T
C = 25
Gate-Charge, Q
g [nC]
024
6
8
10
0
25
50
75
100
125
150
175
200
Gate - Emitter Voltage, V
GE [V]


Similar Part No. - SGU20N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU2N60UF FAIRCHILD-SGU2N60UF Datasheet
493Kb / 7P
   Ultra-Fast IGBT
SGU2N60UFD FAIRCHILD-SGU2N60UFD Datasheet
536Kb / 8P
   Ultra-Fast IGBT
More results

Similar Description - SGU20N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ76 ISC-BUZ76 Datasheet
67Kb / 2P
   High Input Impedance
BUZ11 ISC-BUZ11 Datasheet
66Kb / 2P
   High input impedance
BUZ11S2 ISC-BUZ11S2 Datasheet
66Kb / 2P
   High input impedance
logo
Fairchild Semiconductor
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
   High Input Impedance
logo
Inchange Semiconductor ...
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
   High input impedance
logo
Toshiba Semiconductor
MG100Q2YS11 TOSHIBA-MG100Q2YS11 Datasheet
333Kb / 5P
   high input impedance
logo
Fairchild Semiconductor
SGH23N60UFDTU FAIRCHILD-SGH23N60UFDTU Datasheet
633Kb / 7P
   High Input Impedance
logo
Inchange Semiconductor ...
BUZ22 ISC-BUZ22 Datasheet
66Kb / 2P
   High input impedance
BUZ12A ISC-BUZ12A Datasheet
66Kb / 2P
   High input impedance
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002_15 Datasheet
135Kb / 5P
   High Input Impedance-180K Min
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com