Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLL1.4KESD30A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MLL1.4KESD30A
Description  SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL1.4KESD30A Datasheet(HTML) 3 Page - Microsemi Corporation

  MLL1.4KESD30A Datasheet HTML 1Page - Microsemi Corporation MLL1.4KESD30A Datasheet HTML 2Page - Microsemi Corporation MLL1.4KESD30A Datasheet HTML 3Page - Microsemi Corporation MLL1.4KESD30A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TVS
SCOTTSD A L E DIVISION
MLL1.4KESD5.0 thru MLL1.4KESD170CA
REVERSE
STAND-OFF
REVERSE
STAND-OFF
VOLTAGE
VOLTAGE
BREAKDOWN
BREAKDOWN
VOLTAGE
VOLTAGE
VBR
V
MINIMUM
MINIMUM
BREAKDOWN
CURRENT
BREAKDOWN
CURRENT
MAXIMUM
STANDBY
CURRENT
MAXIMUM
STANDBY
CURRENT
MAXIMUM
CLAMPING
MAXIMUM
CLAMPING
VOLTAGE
VOLTAGE
PEAK
PULSE
PEAK
PULSE
CURRENT
CURRENT
BR
TYPE NUMBER*
VWM
V(BR)
I(BR)
ID @ VWM
VC @ IPP
IPP**
VOLTS
VOLTS
mA
µA
VOLTS
AMPS
MLL1.4KESD54
MLL1.4KESD54A
MLL1.4KESD58
MLL1.4KESD58A
54
54
58
58
60.0
60.0
64.4
64.4
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
120.0
113.7
128.9
122.0
3.33
3.52
3.10
3.28
MLL1.4KESD60
MLL1.4KESD60A
MLL1.4KESD64
MLL1.4KESD64A
60
60
64
64
66.7
66.7
71.1
71.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
133.4
126.4
142.2
134.7
3.00
3.17
2.81
2.97
MLL1.4KESD70
MLL1.4KESD70A
MLL1.4KESD75
MLL1.4KESD75A
70
70
75
75
77.8
77.8
83.3
83.3
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
155.6
147.4
166.8
158.0
2.57
2.71
2.40
2.53
MLL1.4KESD78
MLL1.4KESD78A
MLL1.4KESD85
MLL1.4KESD85A
78
78
85
85
86.7
86.7
94.4
94.4
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
173.4
164.3
188.5
178.6
2.31
2.44
2.12
2.24
MLL1.4KESD90
MLL1.4KESD90A
MLL1.4KESD100
MLL1.4KESD100A
90
90
100
100
100.0
100.0
111.0
111.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
199.8
189.9
222.3
210.6
2.00
2.11
1.80
1.90
MLL1.4KESD110
MLL1.4KESD110A
MLL1.4KESD120
MLL1.4KESD120A
110
110
120
120
122.0
122.0
133.0
133.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
243.9
213.3
266.4
252.0
1.64
1.73
1.50
1.59
MLL1.4KESD130
MLL1.4KESD130A
MLL1.4KESD150
MLL1.4KESD150A
130
130
150
150
144.0
144.0
167.0
167.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
288.0
273.0
333.9
316.8
1.39
1.47
1.20
1.26
MLL1.4KESD160
MLL1.4KESD160A
MLL1.4KESD170
MLL1.4KESD170A
160
160
170
170
178.0
178.0
189.0
189.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
356.4
337.5
378.0
358.2
1.12
1.19
1.06
1.12
For bidirectional, add a “C” or “CA” suffix after the part number, e.g. MLL1.4KESD5.0C or MLL1.4KESD5.0CA for MLL1.4KESD5.0 or
MLL1.4KESD5.0A part numbers respectively. Capacitance will be one-half that shown in Figure 4 at zero volts.
** At 400 watts 1
µs square wave rating (See Figures 1 and 2).
Peak Pulse Power vs. Pulse Width
FIGURE 2
OUTLINE AND CIRCUIT
FIGURE 1
tp – Pulse Time
(*Exponential Wave Form Pulse Width to 50% Decay of Peak.)
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
10-06-2003 REV A


Similar Part No. - MLL1.4KESD30A

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MLL12-0.25-A SLPOWER-MLL12-0.25-A Datasheet
374Kb / 7P
   DC Power Supplies
MLL12-0.25-A SLPOWER-MLL12-0.25-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Microsemi Corporation
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
119Kb / 2P
   SURFACE MOUNT
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
118Kb / 2P
   SURFACE MOUNT
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
More results

Similar Description - MLL1.4KESD30A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
Shenzhen Luguang Electr...
SMCJ5.0 LUGUANG-SMCJ5.0 Datasheet
334Kb / 4P
   Surface Mount TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com