Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ32700M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ32700M
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ32700M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ32700M Datasheet HTML 1Page - Panasonic Semiconductor MAZ32700M Datasheet HTML 2Page - Panasonic Semiconductor MAZ32700M Datasheet HTML 3Page - Panasonic Semiconductor MAZ32700M Datasheet HTML 4Page - Panasonic Semiconductor MAZ32700M Datasheet HTML 5Page - Panasonic Semiconductor MAZ32700M Datasheet HTML 6Page - Panasonic Semiconductor MAZ32700M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAZ3000 Series
3
SKE00003BED
MA3091
8.5
9.1
9.6
8
MAZ30910L
8.58
8.8
9.02
6
0.2
8
60
6
15
0.5 130 3.8 5.5
7
70
90
MAZ30910M
8.87
9.1
9.33
8.3
MAZ30910H
9.14
9.4
9.6
8.6
MAZ3100
9.4
10
10.6
8.9
MAZ31000L
9.44
9.7
9.92
7
0.2
8.9
60
8
20
0.5 130 4.5 6.4
8
70
90
MAZ31000M
9.75
10
10.25
9.2
MAZ31000H
10.07 10.3 10.59
9.5
MAZ3110
10.4
11
11.6
9.9
MAZ31100L
10.4
10.7 10.94
7
0.1
9.9
60
10
20
0.5 170 5.4 7.4
9
65
85
MAZ31100M
10.73
11
11.28
10.2
MAZ31100H
11.05 11.3
11.6
10.5
MAZ3120
11.4
12
12.7
10.9
MAZ31200L
11.4
11.7 11.96
8
0.1
10.9
60
10
25
0.5 170
6
8.4
10
65
85
MAZ31200M
11.73
12
12.33
11.2
MAZ31200H
12.06 12.3 12.68
11.5
MAZ3130
12.4
13
14.1
11.9
MAZ31300L
12.4
12.7 12.99
9
0.1
11.9
60
10
30
0.5 170
7
9.4
11
60
80
MAZ31300M
12.73
13
13.4
12.2
MAZ31300H
13.25 13.7 14.08
12.7
MAZ31400M
13.65
14
14.35
9
0.1 13.1 60
10
30
0.5 170
7
10
13
60
80
MAZ3150
13.9
15
15.6
13.4
MAZ31500L
13.9
14.3 14.76
10 0.05
13.4
60
10
30
0.5 170 9.2 11.4 13
55
75
MAZ31500M
14.6
15
15.35
14.1
MAZ31500H
14.95 15.3
15.6
14.4
MAZ3160
15.3
16
17.1
14.8
MAZ31600L
15.3
15.7 16.09
11 0.05
14.8
60
10
40
0.5 170 10.4 12.4 14
52
75
MAZ31600M
15.7
16
16.5
15.2
MAZ31600H
16.26 16.7
17.1
15.7
MAZ3180
16.9
18
19.1
16.4
MAZ31800L
16.9
17.3 17.76
13 0.05
16.4
60
10
45
0.5 170 12.4 14.4 16
47
70
MAZ31800M
17.55
18
18.45
17
MAZ31800H
18.2
18.7
19.1
17.7
MAZ3200
18.8
20
21.2
18.3
MAZ32000L
18.85 19.3 19.81
14 0.05
18.3
60
15
55
0.5 180 14.4 16.4 18
36
60
MAZ32000M
19.50
20
20.5
19
MAZ32000H
20.15 20.7 21.19
19.6
MAZ3220
20.8
22
23.3
20.3
MAZ32200L
20.8
21.3 21.86
15 0.05
20.3
60
20
55
0.5 180 16.4 18.4 20
34
60
MAZ32200M
21.45
22
22.55
20.9
MAZ32200H
22.1
22.7 23.24
21.6
MAZ3240
22.8
24
25.6
22.3
MAZ32400L
22.8
23.3 23.97
17 0.05
22.3
60
25
70
0.5 180 18.4 20.4 22
33
55
MAZ32400M
23.5
24
24.7
23
MAZ32400H
24.35
25
25.6
23.8
s Electrical characteristics within part numbers (continued) T
a = 25°C
• V
Z = 9.1 V to 24.0 V (IZ = 5 mA)
9.1L or 9.1M or 9.1H
9.1L
9.1M
9.1H
10L or 10M or 10H
10L
10M
10H
11L or 11M or 11H
11L
11M
11H
12L or 12M or 12H
12L
12M
12H
13L or 13M or 13H
13L
13M
13H
14M
15L or 15M or 15H
15L
15M
15H
16L or 16M or 16H
16L
16M
16H
18L or 18M or 18H
18L
18M
18H
20L or 20M or 20H
20L
20M
20H
22L or 22M or 22H
22L
22M
22H
24L or 24M or 24H
24L
24M
24H
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
Part number
Zener voltage
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min Nom
Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Temperature
coefficient of
zener voltage
Terminal
capacitance
Marking symbol
Zener operating
resistance
Reverse current


Similar Part No. - MAZ32700M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ3270 PANASONIC-MAZ3270 Datasheet
108Kb / 7P
   Silicon planar type
MAZ3270-H PANASONIC-MAZ3270-H Datasheet
108Kb / 7P
   Silicon planar type
MAZ3270-L PANASONIC-MAZ3270-L Datasheet
108Kb / 7P
   Silicon planar type
MAZ3270-M PANASONIC-MAZ3270-M Datasheet
108Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ32700M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com