Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4140U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBSS4140U
Description  40 V low VCEsat NPN transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4140U Datasheet(HTML) 4 Page - NXP Semiconductors

  PBSS4140U Datasheet HTML 1Page - NXP Semiconductors PBSS4140U Datasheet HTML 2Page - NXP Semiconductors PBSS4140U Datasheet HTML 3Page - NXP Semiconductors PBSS4140U Datasheet HTML 4Page - NXP Semiconductors PBSS4140U Datasheet HTML 5Page - NXP Semiconductors PBSS4140U Datasheet HTML 6Page - NXP Semiconductors PBSS4140U Datasheet HTML 7Page - NXP Semiconductors PBSS4140U Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Jul 13
4
Philips Semiconductors
Product specification
40 V low VCEsat NPN transistor
PBSS4140U
handbook, halfpage
0
1000
200
400
600
800
MLD660
10−1
1
(1)
10
IC (mA)
hFE
102
103
104
(3)
(2)
Fig.2
DC current gain as a function of collector
current; typical values.
VCE =5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
10
1
10−1
110
102
103
104
10−1
MLD656
IC (mA)
VBE
(V)
(1)
(3)
(2)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
VCE =5V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
103
102
10
1
MLD657
110
102
IC (mA)
VCEsat
(mV)
103
104
(3)
(2)
(1)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MLD658
10
1
102
10−1
110
IC (mA)
RCEsat
(
Ω)
10−2
10−3
10−4
10−1
(3)
(1)
(2)
Fig.5
Equivalent on-resistance as a function of
collector current; typical values.
IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.


Similar Part No. - PBSS4140U

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4140U NEXPERIA-PBSS4140U Datasheet
472Kb / 9P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
NXP Semiconductors
PBSS4140U PHILIPS-PBSS4140U_15 Datasheet
283Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
More results

Similar Description - PBSS4140U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540Z PHILIPS-PBSS4540Z_15 Datasheet
153Kb / 9P
   40 V low VCEsat NPN transistor
2001 Nov 14
PBSS4240Y PHILIPS-PBSS4240Y_15 Datasheet
267Kb / 7P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4140V NEXPERIA-PBSS4140V Datasheet
522Kb / 10P
   40 V low VCEsat NPN transistor
2002 Jun 20
logo
NXP Semiconductors
PBSS4140V PHILIPS-PBSS4140V Datasheet
62Kb / 12P
   40 V low VCEsat NPN transistor
2002 Jun 20
PBSS4240Y PHILIPS-PBSS4240Y Datasheet
52Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4140U PHILIPS-PBSS4140U_15 Datasheet
283Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4540Z NEXPERIA-PBSS4540Z Datasheet
359Kb / 10P
   40 V low VCEsat NPN transistor
2001 Nov 14
logo
NXP Semiconductors
PBSS4240V NXP-PBSS4240V Datasheet
344Kb / 9P
   40 V low VCEsat NPN transistor
2003 Jan 30
PBSS4540Z NXP-PBSS4540Z Datasheet
153Kb / 9P
   40 V low VCEsat NPN transistor
2001 Nov 14
logo
Nexperia B.V. All right...
PBSS4240V NEXPERIA-PBSS4240V Datasheet
549Kb / 10P
   40 V low VCEsat NPN transistor
2003 Jan 30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com