Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD3055-094 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD3055-094
Description  Power MOSFET 12 A, 60 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3055-094 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NTD3055-094 Datasheet HTML 2Page - ON Semiconductor NTD3055-094 Datasheet HTML 3Page - ON Semiconductor NTD3055-094 Datasheet HTML 4Page - ON Semiconductor NTD3055-094 Datasheet HTML 5Page - ON Semiconductor NTD3055-094 Datasheet HTML 6Page - ON Semiconductor NTD3055-094 Datasheet HTML 7Page - ON Semiconductor NTD3055-094 Datasheet HTML 8Page - ON Semiconductor NTD3055-094 Datasheet HTML 9Page - ON Semiconductor NTD3055-094 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NTD3055−094
http://onsemi.com
7
ORDERING INFORMATION
Device
Package
Shipping
NTD3055−094
DPAK
75 Units/Rail
NTD3055−094G
DPAK
(Pb−Free)
75 Units/Rail
NTD3055−094−1
DPAK−3
75 Units/Rail
NTD3055−094−1G
DPAK−3
(Pb−Free)
75 Units/Rail
NTD3055−094T4
DPAK
2500 Tape & Reel
NTD3055−094T4G
DPAK
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD3055-094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055-094 ONSEMI-NTD3055-094 Datasheet
135Kb / 9P
   Power MOSFET 12 A, 60 V, N?묬hannel DPAK / IPAK
April, 2013 ??Rev. 8
logo
SHENZHEN DOINGTER SEMIC...
NTD3055-094 DOINGTER-NTD3055-094 Datasheet
674Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
NTD3055-094-1G ONSEMI-NTD3055-094-1G Datasheet
135Kb / 9P
   Power MOSFET 12 A, 60 V, N?묬hannel DPAK / IPAK
April, 2013 ??Rev. 8
logo
VBsemi Electronics Co.,...
NTD3055-094-1G VBSEMI-NTD3055-094-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
NTD3055-094G VBSEMI-NTD3055-094G Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD3055-094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5844NL ONSEMI-NTMFS5844NL Datasheet
117Kb / 6P
   Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
June, 2012 ??Rev. 3
NVD3055-094T4G ONSEMI-NVD3055-094T4G Datasheet
135Kb / 9P
   Power MOSFET 12 A, 60 V, N?묬hannel DPAK / IPAK
April, 2013 ??Rev. 8
NTMFS5844NL ONSEMI-NTMFS5844NL_13 Datasheet
111Kb / 6P
   Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
March, 2013 ??Rev. 4
NTBV5605T4G ONSEMI-NTBV5605T4G Datasheet
144Kb / 7P
   Power MOSFET -60 V, -18.5 A
August, 2011 ??Rev. 4
NTD3055-150 ONSEMI-NTD3055-150 Datasheet
67Kb / 8P
   Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTTFS5116PLTAG ONSEMI-NTTFS5116PLTAG Datasheet
113Kb / 6P
   Power MOSFET 60 V, 20 A, 52m
November, 2011 ??Rev. 1
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
   -60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTF3055L175 ONSEMI-NTF3055L175 Datasheet
66Kb / 6P
   Power MOSFET 2.0 A, 60 V, Logic Level
February, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com