Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2706 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2706
Description  3D Surround Audio Processor with Dynamic Bass Boost
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2706 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2706 Datasheet HTML 1Page - New Japan Radio NJM2706 Datasheet HTML 2Page - New Japan Radio NJM2706 Datasheet HTML 3Page - New Japan Radio NJM2706 Datasheet HTML 4Page - New Japan Radio NJM2706 Datasheet HTML 5Page - New Japan Radio NJM2706 Datasheet HTML 6Page - New Japan Radio NJM2706 Datasheet HTML 7Page - New Japan Radio NJM2706 Datasheet HTML 8Page - New Japan Radio NJM2706 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NJM2706
-5 -
TERMINAL DESCRIPTION
No.
DMP24
SSOP24
SDIP30
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
1
1
LPF
Capacitor terminal for LPF
V+/2
2
2
MIN
Monaural Amplifier Input
V+/2
3
4
MOUT
Monaural Amplifier Output
V+/2
4
5
5
6
Ca
Cr
Capacitor Terminal for
Attack Time Constant
Capacitor Terminal for
Release Time Constant
0V
6
7
BASSFIL1
BASS Filter Terminal 1
0V
150
V+
V+
150
V+
V+
V+
V+
V+
100
V+
V+
150
V+
V+
V+
VCA


Similar Part No. - NJM2706

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700FJ1 NJRC-NJM2700FJ1 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700G NJRC-NJM2700G Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700L NJRC-NJM2700L Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
More results

Similar Description - NJM2706

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Jiaxing Heroic Technolo...
HT97230 HEROIC-HT97230 Datasheet
1Mb / 7P
   125mW output-free coupling capacitor with 3D surround and bass boost
logo
New Japan Radio
NJM2704 NJRC-NJM2704 Datasheet
178Kb / 11P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
logo
STMicroelectronics
TDA7468 STMICROELECTRONICS-TDA7468 Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com