Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4006 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MP4006
Description  Silicon NPN&PNP Epitaxial Type (Darlington power transistor 4 in 1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4006 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MP4006 Datasheet HTML 1Page - Toshiba Semiconductor MP4006 Datasheet HTML 2Page - Toshiba Semiconductor MP4006 Datasheet HTML 3Page - Toshiba Semiconductor MP4006 Datasheet HTML 4Page - Toshiba Semiconductor MP4006 Datasheet HTML 5Page - Toshiba Semiconductor MP4006 Datasheet HTML 6Page - Toshiba Semiconductor MP4006 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP4006
2002-11-20
4
(NPN transistor)
VCE – IB
Base-emitter voltage VBE (V)
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Collector current IC (A)
hFE – IC
Base current IB (mA)
Common emitter
Ta = 25°C
0
0.1
1
10
100
500
0.4
0.8
1.2
1.6
1.5
IC = 3 A
2.5
2.0
1
0.5
0.1
2.4
2.0
0
0
0.8
1.6
2.4
3.2
0.8
1.6
2.4
3.2
4.0
Common emitter
VCE = 2 V
25
−55
Ta = 100°C
0.1
0.3
0.3
0.5
1
3
0.5
1
3
5
Common emitter
IC/IB = 500
25
100
Ta = −55°C
100
0.03
25
−55
Ta = 100°C
0.1
0.3
1
3
10
300
500
1000
3000
5000
10000
Common emitter
VCE = 2 V
0.05
0.5
5
0.3
0.3
0.5
1
3
0.5
1
3
5
Common emitter
IC/IB = 500
25
100
Ta = −55°C
0.3
IB = 0.19 mA
0.21
0.23
0.5
2
0
0
Common emitter
Ta = 25°C
0.8
1.6
2.4
3.2
2
4
6
8
10
0.2
0


Similar Part No. - MP4006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4006 TOSHIBA-MP4006 Datasheet
197Kb / 7P
   High Power Switching Applications
logo
CHENG-YI ELECTRONIC CO....
MP4006S CHENG-YI-MP4006S Datasheet
148Kb / 2P
   40,50S IN-LINE BRIDGE RECTIFIER
logo
RFE international
MP4006S RFE-MP4006S Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
logo
Toshiba Semiconductor
MP4006 TOSHIBA-MP4006_07 Datasheet
197Kb / 7P
   High Power Switching Applications
More results

Similar Description - MP4006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4025 TOSHIBA-MP4025 Datasheet
60Kb / 2P
   Power Transistor Module Silicon NPN Epitaxial Type (darlington power transistor 4 in 1)
MP4305 TOSHIBA-MP4305 Datasheet
145Kb / 6P
   TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
2SB1067 TOSHIBA-2SB1067_06 Datasheet
192Kb / 5P
   Silicon PNP Epitaxial Type (Darlington Power Transistor)
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
   Silicon NPN Epitaxial Type (Darlington power transistor)
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Unisonic Technologies
2SD2686 UTC-2SD2686 Datasheet
119Kb / 3P
   SILICON NPN EPITAXIAL TYPE (DARLINGTON POWER)
logo
Toshiba Semiconductor
MP4513 TOSHIBA-MP4513 Datasheet
142Kb / 6P
   TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com