Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1274ACTC-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1274ACTC-T
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1274ACTC-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1274ACTC-T Datasheet HTML 1Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 2Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 3Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 4Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 5Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 6Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 7Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 8Page - Maxim Integrated Products MAX1274ACTC-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1.8Msps, Single-Supply, Low-Power,
True-Differential, 12-Bit ADCs
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VDD = +5V, VL = VDD, VREF = 4.096V, fSCLK = 28.8MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured
at TA = +25°C)
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1274)
DIGITAL OUTPUT CODE
4000
3000
1000
2000
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-0.8
05000
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1275)
DIGITAL OUTPUT CODE
4000
3000
1000
2000
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-0.8
05000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1274)
DIGITAL OUTPUT CODE
4000
3000
1000
2000
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-0.8
05000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1275)
DIGITAL OUTPUT CODE
4000
3000
1000
2000
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-0.8
0
5000
OFFSET ERROR
vs. TEMPERATURE (MAX1274)
TEMPERATURE (°C)
60
35
-15
10
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-0.4
-40
85
OFFSET ERROR
vs. TEMPERATURE (MAX1275)
TEMPERATURE (°C)
60
35
-15
10
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
-40
85
GAIN ERROR
vs. TEMPERATURE (MAX1274)
TEMPERATURE (°C)
60
35
10
-15
-2.5
-2.0
-1.5
-1.0
-0.5
-3.0
-40
85
GAIN ERROR
vs. TEMPERATURE (MAX1275)
TEMPERATURE (°C)
60
35
10
-15
-2.5
-3.0
-2.0
-1.5
-1.0
-0.5
-40
85
FFT PLOT (MAX1274)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
01000
fSAMPLE = 2Msps
fSCLK = 32MHz
fIN = 100kHz
SINAD = 70.74dB
SNR = 70.82dB
THD = -88.63dB
SFDR = 87.07dB


Similar Part No. - MAX1274ACTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1274AETC+T MAXIM-MAX1274AETC+T Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results

Similar Description - MAX1274ACTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com