Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575-15IKC Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2575-15IKC
Description  1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575-15IKC Datasheet(HTML) 5 Page - Texas Instruments

  LM2575-15IKC Datasheet HTML 1Page - Texas Instruments LM2575-15IKC Datasheet HTML 2Page - Texas Instruments LM2575-15IKC Datasheet HTML 3Page - Texas Instruments LM2575-15IKC Datasheet HTML 4Page - Texas Instruments LM2575-15IKC Datasheet HTML 5Page - Texas Instruments LM2575-15IKC Datasheet HTML 6Page - Texas Instruments LM2575-15IKC Datasheet HTML 7Page - Texas Instruments LM2575-15IKC Datasheet HTML 8Page - Texas Instruments LM2575-15IKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
Electrical Characteristics
LM2575
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
SLVS569D – JANUARY 2005 – REVISED JULY 2005
I
LOAD = 200 mA, VIN = 12 V for 3.3-V, 5-V, and adjustable versions, VIN = 25 V for 12-V version, VIN = 30 V for 15-V version
(unless otherwise noted) (see Figure 2)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
VIN = 12 V, ILOAD = 0.2 A
25
°C
3.234
3.3
3.366
LM2575-33
25
°C
3.168
3.3
3.432
4.75 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
3.135
3.465
VIN = 12 V, ILOAD = 0.2 A
25
°C
4.9
5
5.1
LM2575-05
25
°C
4.8
5
5.2
8 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
4.75
5.25
VOUT
Output voltage
V
VIN = 25 V, ILOAD = 0.2 A
25
°C
11.76
12
12.24
LM2575-12
25
°C
11.52
12
12.48
15 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
11.4
12.6
VIN = 30 V, ILOAD = 0.2 A
25
°C
14.7
15
15.3
LM2575-15
25
°C
14.4
15
15.6
18 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
14.25
15
15.75
VIN = 12 V, VOUT = 5 V,
25
°C
1.217
1.23
1.243
ILOAD = 0.2 A
Feedback voltage
LM2575-ADJ
V
25
°C
1.193
1.23
1.267
8 V
≤ V
IN ≤ 40 V, VOUT = 5 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
1.18
1.28
LM2575-33
VIN = 12 V, ILOAD = 1 A
75
LM2575-05
VIN = 12 V, ILOAD = 1 A
77
LM2575-12
VIN = 15 V, ILOAD = 1 A
88
η
Efficiency
25
°C
%
LM2575-15
VIN = 18 V, ILOAD = 1 A
88
VIN = 12 V, VOUT = 5 V,
LM2575-ADJ
77
ILOAD = 1 A
25
°C
50
100
IIB
Feedback bias current
VOUT = 5 V (ADJ version only)
nA
Full range
500
25
°C
47
52
58
fo
Oscillator frequency
(1)
kHz
Full range
42
63
25
°C
0.9
1.2
VSAT
Saturation voltage
IOUT = 1 A(2)
V
Full range
1.4
Maximum duty cycle
(3)
25
°C
93
98
%
25
°C
1.7
2.8
3.6
ICL
Peak current
(1) (2)
A
Full range
1.3
4
VIN = 40(4), Output = 0 V
2
IL
Output leakage current
25
°C
mA
VIN = 40(4), Output = –1 V
7.5
30
IQ
Quiescent current
(4)
25
°C
5
10
mA
ISTBY
Standby quiescent current
OFF (ON/OFF pin = 5 V)
25
°C
50
200
µA
25
°C
2.2
1.4
VIH
OFF (VOUT = 0 V)
Full range
2.4
ON/OFF logic input level
V
25
°C
1.2
1
VIL
ON (VOUT = nominal voltage)
Full range
0.8
IIH
OFF (ON/OFF pin = 5 V)
12
30
ON/OFF input current
25
°C
µA
IIL
OFF (ON/OFF pin = 0 V)
0
10
(1)
In the event of an output short or an overload condition, self-protection features lower the oscillator frequency to
∼18 kHz and the
minimum duty cycle from 5% to
∼2%. The resulting output voltage drops to ∼40% of its nominal value, causing the average power
dissipated by the IC to lower.
(2)
Output is not connected to diode, inductor, or capacitor. Output is sourcing current.
(3)
Feedback is disconnected from output and connected to 0 V.
(4)
To force the output transistor off, FEEDBACK is disconnected from output and connected to 12 V for the adjustable, 3.3-V, and 5-V
versions; and 25 V for the 12-V and 15-V versions.
5


Similar Part No. - LM2575-15IKC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-15 MOTOROLA-LM2575-15 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
First Components Intern...
LM2575-15TA5R FCI-LM2575-15TA5R Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
LM2575-15TA5T FCI-LM2575-15TA5T Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
LM2575-15TB5BT FCI-LM2575-15TB5BT Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
LM2575-15TB5T FCI-LM2575-15TB5T Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
More results

Similar Description - LM2575-15IKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com