Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2134FBD64 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2134FBD64
Description  Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2134FBD64 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2134FBD64 Datasheet HTML 5Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 6Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 7Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 8Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 9Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 10Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 11Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 12Page - NXP Semiconductors LPC2134FBD64 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9397 750 14868
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 April 2005
9 of 41
Philips Semiconductors
LPC2131/2132/2134/2136/2138
Single-chip 16/32-bit microcontrollers
P0.22/AD1.7/
CAP0.0/MAT0.0
2 [4]
I
AD1.7 — A/D converter 1, input 7. This analog input is always connected to
its pin. Available in LPC2138 only.
I
CAP0.0 — Capture input for Timer 0, channel 0.
O
MAT0.0 — Match output for Timer 0, channel 0.
P0.23
58 [1]
I/O
General purpose digital input/output pin.
P0.25/AD0.4/
AOUT
9 [5]
I
AD0.4 — A/D converter 0, input 4. This analog input is always connected to
its pin.
O
AOUT — D/A converter output. Available in LPC2132 and LPC2138 only.
P0.26/AD0.5
10 [4]
I
AD0.5 — A/D converter 0, input 5. This analog input is always connected to
its pin.
P0.27/AD0.0/
CAP0.1/MAT0.1
11 [4]
I
AD0.0 — A/D converter 0, input 0. This analog input is always connected to
its pin.
I
CAP0.1 — Capture input for Timer 0, channel 1.
O
MAT0.1 — Match output for Timer 0, channel 1.
P0.28/AD0.1/
CAP0.2/MAT0.2
13 [4]
I
AD0.1 — A/D converter 0, input 1. This analog input is always connected to
its pin.
I
CAP0.2 — Capture input for Timer 0, channel 2.
O
MAT0.2 — Match output for Timer 0, channel 2.
P0.29/AD0.2/
CAP0.3/MAT0.3
14 [4]
I
AD0.2 — A/D converter 0, input 2. This analog input is always connected to
its pin.
I
CAP0.3 — Capture input for Timer 0, Channel 3.
O
MAT0.3 — Match output for Timer 0, channel 3.
P0.30/AD0.3/
EINT3/CAP0.0
15 [4]
I
AD0.3 — A/D converter 0, input 3. This analog input is always connected to
its pin.
I
EINT3 — External interrupt 3 input.
I
CAP0.0 — Capture input for Timer 0, channel 0.
P0.31
17 [6]
O
General purpose digital output only pin.
Important: This pin MUST NOT be externally pulled LOW when RESET pin
is LOW or the JTAG port will be disabled.
P1.0 to P1.31
I/O
Port 1: Port 1 is a 32-bit bi-directional I/O port with individual direction
controls for each bit. The operation of port 1 pins depends upon the pin
function selected via the pin connect block. Pins 0 through 15 of port 1 are not
available.
P1.16/
TRACEPKT0
16 [6]
O
TRACEPKT0 — Trace Packet, bit 0. Standard I/O port with internal pull-up.
P1.17/
TRACEPKT1
12 [6]
O
TRACEPKT1 — Trace Packet, bit 1. Standard I/O port with internal pull-up.
P1.18/
TRACEPKT2
8 [6]
O
TRACEPKT2 — Trace Packet, bit 2. Standard I/O port with internal pull-up.
P1.19/
TRACEPKT3
4 [6]
O
TRACEPKT3 — Trace Packet, bit 3. Standard I/O port with internal pull-up.
P1.20/
TRACESYNC
48 [6]
O
TRACESYNC — Trace Synchronization. Standard I/O port with internal
pull-up. LOW on TRACESYNC while RESET is LOW enables pins P1.25:16
to operate as Trace port after reset.
P1.21/
PIPESTAT0
44 [6]
O
PIPESTAT0 — Pipeline Status, bit 0. Standard I/O port with internal pull-up.
Table 3:
Pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - LPC2134FBD64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2134FBD64 NXP-LPC2134FBD64 Datasheet
697Kb / 39P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
LPC2134FBD64 PHILIPS-LPC2134FBD64 Datasheet
340Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
Rev. 5-2 February 2011
LPC2134FBD64/01 NXP-LPC2134FBD64/01 Datasheet
697Kb / 39P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
LPC2134FBD64/01 PHILIPS-LPC2134FBD64/01 Datasheet
340Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
Rev. 5-2 February 2011
More results

Similar Description - LPC2134FBD64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2132FBD640115 PHILIPS-LPC2132FBD640115 Datasheet
402Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2131 NXP-LPC2131 Datasheet
697Kb / 39P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2101 NXP-LPC2101_09 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com