Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5506EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LT5506EUF
Description  40MHz to 500MHz Quadrature Demodulator with VGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5506EUF Datasheet(HTML) 3 Page - Linear Technology

  LT5506EUF Datasheet HTML 1Page - Linear Technology LT5506EUF Datasheet HTML 2Page - Linear Technology LT5506EUF Datasheet HTML 3Page - Linear Technology LT5506EUF Datasheet HTML 4Page - Linear Technology LT5506EUF Datasheet HTML 5Page - Linear Technology LT5506EUF Datasheet HTML 6Page - Linear Technology LT5506EUF Datasheet HTML 7Page - Linear Technology LT5506EUF Datasheet HTML 8Page - Linear Technology LT5506EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5506
3
5506fa
VCC = 3V. f2×LO = 570MHz, P2×LO = –5dBm (Note 5), fIF = 284MHz,
PIF = –30dBm, I and Q outputs 800mVP-P into 4kΩ differential load, TA = 25°C, EN = VCC, STBY = VCC, unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: Tests are performed as shown in the configuration of Figure 6. The
IF input transformer loss is substracted from the measured values.
Note 4: Power gain is defined here as the I (or Q) output power into a 4k
differential load, divided by the IF input power in dB. To calculate the
voltage gain between the differential I output (or Q output) and the IF
input, including ideal matching network, 10 • log(4k
Ω/50) = 19dB has to
be added to this power gain.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Variable Gain Amplifier (VGA)
Gain Slope Linearity Error
VCTRL = 0V to 1.4V
±0.5
dB
Temperature Gain Shift
T = –40
°C to 85°C, VCTRL = 0V to 1.4V
±0.3
dB
Gain Control Response Time
Settled within 10% of Final Value
100
ns
Gain Control Voltage Range
0 to 1.7
V
Gain Control Slope
43
dB/V
Gain Control Input Impedance
To Internal 0.2V
25
k
Delay Shift Over Gain Control
Measured Over 10dB Step
2
ps/dB
Baseband Lowpass Filter
–3dB Cutoff Frequency
7.2
8.8
10.4
MHz
Group Delay Ripple
5ns
2xLO Input
f2xLO
Frequency Range
80 to 1000
MHz
P2xLO
Input Power
1:2 Transformer with 240
Ω Shunt Resistor (Note 5)
–20
–5
dBm
Input Power
LC Balun (Note 5)
–10
dBm
Input Impedance
Differential Between 2xLO+ and 2xLO
800
Ω//0.4pF
DC Common Mode Voltage
VCC – 0.4
V
IF Detector
IF Detector Range
Referred to IF Input
–30 to 8
dBm
Output Voltage Range
For PIF = –30dBm to 8dBm
0.3 to 1.2
V
Detector Response Time
With External 1.8pF Load,
100
ns
Settling within 10% of Final Value
Power Supply
VCC
Supply Voltage
1.8
5.25
V
ICC
Supply Current
EN = High, STBY = Low or High
26.5
36
mA
IOFF
Shutdown Current
EN, STBY < 350mV
0.2
30
µA
ISTBY
Standby Current
EN = Low; STBY = High
3.6
5.5
mA
Mode
Enable
Enable Pin Voltage
EN = High
1
V
Disable
Enable Pin Voltage
EN = Low
0.5
V
Standby
Standby Pin Voltage
STBY = High
1
V
No Standby
Standby Pin Voltage
STBY = Low
0.5
V
Note 5: If a narrow-band match is used in the 2xLO path instead of a 1:2
transformer with 240
Ω shunt resistor, 2xLO input power can be reduced
to –10dBm, without degrading the phase imbalance. See Figure 11 and
Figure 6.
Note 6: Differential between IOUT
+ and IOUT– (or differential between
QOUT+ and QOUT–).
Note 7: The gain control voltage VCTRL is set in such a way that the
differential output voltage between IOUT+ and IOUT– (or differential between
QOUT+ and QOUT–) is 800mVP-P, with the given input power PIF.
Note 8: The typical parameter is defined as the mean of the absolute
values of the data distribution.


Similar Part No. - LT5506EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
More results

Similar Description - LT5506EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5517 LINER-LT5517 Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5517 LINER-LT5517_15 Datasheet
220Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5546 LINER-LT5546 Datasheet
312Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
LT5546 LINER-LT5546_15 Datasheet
290Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
logo
IC MICROSYSTEMS
ICQ2716 ICMIC-ICQ2716 Datasheet
421Kb / 6P
   200 - 600 MHz QUADRATURE DEMODULATOR WITH VGA
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com