Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79RC32K438266BB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 79RC32K438266BB
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32K438266BB Datasheet(HTML) 4 Page - Integrated Device Technology

  79RC32K438266BB Datasheet HTML 1Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 2Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 3Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 4Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 5Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 6Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 7Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 8Page - Integrated Device Technology 79RC32K438266BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
4 of 59
May 25, 2004
IDT 79RC32438
Pin Description Table
The following table lists the functions of the pins provided on the RC32438. Some of the functions listed may be multiplexed onto the same pin.
The active polarity of a signal is defined using a suffix. Signals ending with an “N” are defined as being active, or asserted, when at a logic zero
(low) level. All other signals (including clocks, buses and select lines) will be interpreted as being active, or asserted when at a logic one (high) level.
Signal
Type
Name/Description
System
CLK
I
Master Clock. This is the master clock input. The processor frequency is a mul-
tiple of this clock frequency. This clock is used as the system clock for all mem-
ory and peripheral bus operations.
EXTCLK
O
External Clock. This clock is used for all memory and peripheral bus opera-
tions.
COLDRSTN
I
Cold Reset. The assertion of this signal initiates a cold reset. This causes the
processor state to be initialized, boot configuration to be loaded, and the internal
PLL to lock onto the master clock (CLK).
RSTN
I/O
Reset. The assertion of this bidirectional signal initiates a warm reset. This sig-
nal is asserted by the RC32438 during a warm reset.
Memory and Peripheral Bus
BDIRN
O
External Buffer Direction. Memory and peripheral bus external data bus buffer
direction control. If the RC32438 memory and peripheral bus is connected to the
A side of a transceiver, such as an IDT74FCT245, then this pin may be directly
connected to the direction control (e.g., BDIR) pin of the transceiver.
BGN
O
Bus Grant. This signal is asserted by the RC32438 to indicate that the
RC32438 has relinquished ownership of the memory and peripheral bus.
BOEN
O
External Buffer Enable. This signal provides an output enable control for an
external buffer on the memory and peripheral data bus.
BRN
I
Bus Request. This signal is asserted by an external device to request owner-
ship of the memory and peripheral bus.
BWEN[1:0]
O
Byte Write Enables. These signals are memory and peripheral bus byte write
enable signals.
BWEN[0] corresponds to byte lane MDATA[7:0]
BWEN[1] corresponds to byte lane MDATA[15:8]
CSN[5:0]
O
Chip Selects. These signals are used to select an external device on the mem-
ory and peripheral bus.
MADDR[21:0]
O
Address Bus. 22-bit memory and peripheral bus address bus.
MADDR[25:22] are available as GPIO alternate functions
MDATA[15:0]
I/O
Data Bus. 16-bit memory and peripheral data bus. During a cold reset, these
pins function as inputs that are used to load the boot configuration vector.
OEN
O
Output Enable. This signal is asserted when data should be driven on by an
external device on the memory and peripheral bus.
RWN
O
Read Write. This signal indicates if the transaction on the memory and periph-
eral bus is a read transaction or a write transaction. A high level indicates a read
from an external device. A low level indicates a write to an external device.
Table 1 Pin Description (Part 1 of 9)


Similar Part No. - 79RC32K438266BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32332 RENESAS-79RC32332 Datasheet
820Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
79RC32333 RENESAS-79RC32333 Datasheet
616Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
logo
Integrated Device Techn...
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
79RC32334-100BB IDT-79RC32334-100BB Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
More results

Similar Description - 79RC32K438266BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com