Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2393DBTR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2393DBTR
Description  FULL-FEATURED -48-V HOT SWAP POWER MANAGER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2393DBTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2393DBTR Datasheet HTML 4Page - Texas Instruments TPS2393DBTR Datasheet HTML 5Page - Texas Instruments TPS2393DBTR Datasheet HTML 6Page - Texas Instruments TPS2393DBTR Datasheet HTML 7Page - Texas Instruments TPS2393DBTR Datasheet HTML 8Page - Texas Instruments TPS2393DBTR Datasheet HTML 9Page - Texas Instruments TPS2393DBTR Datasheet HTML 10Page - Texas Instruments TPS2393DBTR Datasheet HTML 11Page - Texas Instruments TPS2393DBTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
8
TYPICAL CHARACTERISTICS
Figure 1. Live Insertion Event − VIN = −48 V
EN (5 V/div)
VDRAIN
(20 V/div)
CONTACT
BOUNCE
ILOAD
(500 mA/div)
CIRAMP = 3900 pF
CFLT = 0.1 µF
CLOAD = 50 µF
t − Time − 1 ms / div
Figure 2. Live Insertion Event − VIN = −70 V
t − Time − 2.5 ms / div
EN (5 V/div)
VDRAIN
(50 V/div)
CONTACT
BOUNCE
ILOAD
(500 mA/div)
CLOAD = 100 µF
Figure 3. Turn−On Into Shorted Load
FLTTIME (2 V/div)
VDRAIN (50 V/div)
FAULT (20 V/div)
ILOAD (1 A/div)
CIRAMP = 3900 pF
CFLT = 0.047 µF
t − Time − 1 ms / div
TPS2392 ONLY
Figure 4. Turn−On Into Shorted Load (TPS2393)
FLTTIME (2 V/div)
VDRAIN (50 V/div)
FAULT (20 V/div)
ILOAD (1 A/div)
CIRAMP = 3900 pF
CFLT = 0.047 µF
t − Time − 1 ms / div
TPS2393 ONLY


Similar Part No. - TPS2393DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393DBTR TI-TPS2393DBTR Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2393DBTRG4 TI-TPS2393DBTRG4 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
More results

Similar Description - TPS2393DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2392 TI-TPS2392_07 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com