Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0542 Datasheet(PDF) 17 Page - ON Semiconductor

Part # AR0542
Description  1/4?륤nch 5 Mp CMOS Digital Image Sensor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0542 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AR0542_17 Datasheet HTML 13Page - ON Semiconductor AR0542_17 Datasheet HTML 14Page - ON Semiconductor AR0542_17 Datasheet HTML 15Page - ON Semiconductor AR0542_17 Datasheet HTML 16Page - ON Semiconductor AR0542_17 Datasheet HTML 17Page - ON Semiconductor AR0542_17 Datasheet HTML 18Page - ON Semiconductor AR0542_17 Datasheet HTML 19Page - ON Semiconductor AR0542_17 Datasheet HTML 20Page - ON Semiconductor AR0542_17 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
AR0542
www.onsemi.com
17
Set reset_register[12] to disable the serializer while in
parallel output mode.
To use the parallel interface, the VDD_TX pad must be tied
to a 1.8 V supply. For MIPI sensor, the VDD_IO supply can
be set at 1.8 V or 2.8 V (nominal).
Output Enable Control
When the parallel pixel data interface is enabled, its
signals can be switched asynchronously between the driven
and High-Z under pin or register control, as shown in
Table 7. Selection of a pin to use for the OE_N function is
described in ”General Purpose Inputs”.
Table 7.
OUTPUT ENABLE CONTROL
OE_N Pin
Drive Signals R0x301A–B[6]
Description
Disabled
0
Interface High-Z
Disabled
1
Interface Driven
1
0
Interface High-Z
X
1
Interface Driven
0
X
Interface Driven
Configuration of the Pixel Data Interface
Fields in R0x301A are used to configure the operation of
the pixel data interface. The supported combinations are
shown in Table 8.
Table 8.
CONFIGURATION OF THE PIXEL DATA INTERFACE
Serializer Disable
R0x301
A–B[12]
Parallel
Enable
R0x301A–B[7]
Standby
End-of-Frame
R0x301A–B[4]
Description
0
0
1
Power up default
Serial pixel data interface and its clocks are enabled. Transitions to soft
standby are synchronized to the end of frames on the serial pixel data
interface
1
1
0
Parallel pixel data interface, sensor core data output. Serial pixel data
interface and its clocks disabled to save power. Transitions to soft standby
are synchronized to the end of the current row readout on the parallel pixel
data interface
1
1
1
Parallel pixel data interface, sensor core data output. Serial pixel data
interface and its clocks disabled to save power. Transitions to soft standby
are synchronized to the end of frames in the parallel pixel data interface


Similar Part No. - AR0542_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0542MBSC25SUD20 ONSEMI-AR0542MBSC25SUD20 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
AR0542MBSC25SUFAD-GEVK ONSEMI-AR0542MBSC25SUFAD-GEVK Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
AR0542MBSC25SUFAH-GEVB ONSEMI-AR0542MBSC25SUFAH-GEVB Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
More results

Similar Description - AR0542_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9J003 ONSEMI-MT9J003_17 Datasheet
456Kb / 55P
   1/2.3?륤nch 10 Mp CMOS Digital Image Sensor
February, 2017 ??Rev. 5
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
AR0331 ONSEMI-AR0331_17 Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com