Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0330CM Datasheet(PDF) 25 Page - ON Semiconductor

Part # AR0330CM
Description  1/3?릋nch CMOS Digital Image Sensor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330CM Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AR0330CM Datasheet HTML 21Page - ON Semiconductor AR0330CM Datasheet HTML 22Page - ON Semiconductor AR0330CM Datasheet HTML 23Page - ON Semiconductor AR0330CM Datasheet HTML 24Page - ON Semiconductor AR0330CM Datasheet HTML 25Page - ON Semiconductor AR0330CM Datasheet HTML 26Page - ON Semiconductor AR0330CM Datasheet HTML 27Page - ON Semiconductor AR0330CM Datasheet HTML 28Page - ON Semiconductor AR0330CM Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
AR0330CM
www.onsemi.com
25
PIXEL OUTPUT INTERFACES
Parallel Interface
The parallel pixel data interface uses these output-only
signals:
FV
LV
PIXCLK
DOUT[11:0]
The parallel pixel data interface is disabled by default at
power up and after reset. It can be enabled by programming
R0x301A. Table 30 shows the recommended settings.
When the parallel pixel data interface is in use, the serial
data output signals can be left unconnected. Set
reset_register[12] to disable the serializer while in parallel
output mode.
Output Enable Control
When the parallel pixel data interface is enabled, its
signals can be switched asynchronously between the driven
and High−Z under pin or register control, as shown in
Table 29. OE_BAR pin is only available on the bare die
version.
Table 29. OUTPUT ENABLE CONTROL
OE_BAR Pin
Drive Signals R0x301A−B[6]
Description
Disabled
0
Interface High−Z
Disabled
1
Interface Driven
1
0
Interface High−Z
X
1
Interface Driven
0
X
Interface Driven
Configuration of the Pixel Data Interface
Fields in R0x301A are used to configure the operation of
the pixel data interface. The supported combinations are
shown in Table 30.
Table 30. CONFIGURATION OF THE PIXEL DATA INTERFACE
Serializer
Disable
R0x301A−B[12]
Parallel
Enable
R0x301A−B[7]
Standby
End-of-Frame
R0x301A−B[7]
Description
0
0
1
Power up default. Serial pixel data interface and its clocks are enabled.
Transitions to soft standby are synchronized to the end of frames on the
serial pixel data interface.
1
1
0
Parallel pixel data interface, sensor core data output. Serial pixel data
interface and its clocks disabled to save power. Transitions to soft standby
are synchronized to the end of the current row readout on the parallel pixel
data interface.
1
1
1
Parallel pixel data interface, sensor core data output. Serial pixel data
interface and its clocks disabled to save power. Transitions to soft standby
are synchronized to the end of frames in the parallel pixel data interface.
High Speed Serial Pixel Data Interface
The High Speed Serial Pixel (HiSPi) interface uses four
data and one clock low voltage differential signaling
(LVDS) outputs.
SLVSC_P
SLVSC_N
SLVS0_P
SLVS0_N
SLVS1_P
SLVS1_N
SLVS2_P
SLVS2_N
SLVS3_P
SLVS3_N
The HiSPi interface supports three protocols, Streaming
S, Streaming SP, and Packetized SP. The streaming
protocols conform to a standard video application where
each line of active or intra-frame blanking provided by the
sensor is transmitted at the same length. The Packetized SP
protocol will transmit only the active data ignoring
line-to-line and frame-to-frame blanking data.
These protocols are further described in the High-Speed
Serial Pixel (HiSPi) Interface Protocol Specification
V1.00.00.
The HiSPi interface building block is a unidirectional
differential serial interface with four data and one double
data rate (DDR) clock lanes. One clock for every four serial
data lanes is provided for phase alignment across multiple
lanes. Figure 21 shows the configuration between the HiSPi
transmitter and the receiver.


Similar Part No. - AR0330CM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0330CM1C00SHAA0-DP ONSEMI-AR0330CM1C00SHAA0-DP Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
AR0330CM1C00SHAA0-DR ONSEMI-AR0330CM1C00SHAA0-DR Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
AR0330CM1C00SHAA0-TP ONSEMI-AR0330CM1C00SHAA0-TP Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
AR0330CM1C00SHKA0-CP ONSEMI-AR0330CM1C00SHKA0-CP Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
AR0330CM1C00SHKA0-CR ONSEMI-AR0330CM1C00SHKA0-CR Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
More results

Similar Description - AR0330CM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M021 ONSEMI-MT9M021_17 Datasheet
242Kb / 23P
   1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
AR0130CS ONSEMI-AR0130CS Datasheet
389Kb / 39P
   1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
MT9M131 ONSEMI-MT9M131_17 Datasheet
299Kb / 50P
   1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 8
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
   1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com