Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6725MAX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6725MAX
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6725MAX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6725MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6725MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMRR
Common Mode Rejection Ratio
DC, 1V Step
LMH6723
57
55
60
dB
LMH6724
57
53
60
LMH6725
57
54
60
I
CC
Supply Current (per amplifier)
R
L =
1
1.2
1.4
mA
Miscellaneous Performance
R
IN+
Input Resistance
Non-Inverting
100
k
R
IN−
Input Resistance
(Output Resistance of Input
Buffer)
Inverting
500
C
IN
Input Capacitance
Non-Inverting
1.5
pF
R
OUT
Output Resistance
Closed Loop
0.01
V
O
Output Voltage Range
R
L =
LMH6723
±4
±3.9
±4.1
V
LMH6724
LMH6725
±4
±3.85
±4.1
V
OL
Output Voltage Range, High
R
L = 100
3.6
3.5
3.7
V
Output Voltage Range, Low
R
L = 100
−3.25
−3.1
−3.45
CMVR
Input Voltage Range
Common Mode, CMRR > 50 dB
±4.0
V
I
O
Output Current
Sourcing, V
OUT =0
95
70
110
mA
Sinking, V
OUT = 0
−80
−70
110
±2.5V Electrical Characteristics
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
−3 dB Bandwidth Small Signal
V
OUT = 0.5 VPP
210
MHz
LSBW
−3 dB Bandwidth Large Signal
V
OUT = 2.0 VPP
LMH6723
LMH6724
95
125
MHz
LMH6725
90
100
UGBW
−3 dB Bandwidth Unity Gain
V
OUT = 0.5 VPP,AV = 1 V/V
290
MHz
.1dB BW
.1 dB Bandwidth
V
OUT = 0.5 VPP
100
MHz
DG
Differential Gain
R
L = 150
Ω, 4.43 MHz
.03
%
DP
Differential Phase
R
L = 150
Ω, 4.43 MHz
0.1
deg
Time Domain Response
TRS
Rise and Fall Time
2V Step
4
ns
SR
Slew Rate
2V Step
275
400
V/µs
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
2 V
PP, 5 MHz
−67
dBc
HD3
3
rd Harmonic Distortion
2 V
PP, 5 MHz
−67
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage
>1 MHz
4.3
nV/
www.national.com
3


Similar Part No. - LMH6725MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6725 TI1-LMH6725 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results

Similar Description - LMH6725MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com