Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5L9290X02 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S5L9290X02
Description  DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5L9290X02 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S5L9290X02 Datasheet HTML 4Page - Samsung semiconductor S5L9290X02 Datasheet HTML 5Page - Samsung semiconductor S5L9290X02 Datasheet HTML 6Page - Samsung semiconductor S5L9290X02 Datasheet HTML 7Page - Samsung semiconductor S5L9290X02 Datasheet HTML 8Page - Samsung semiconductor S5L9290X02 Datasheet HTML 9Page - Samsung semiconductor S5L9290X02 Datasheet HTML 10Page - Samsung semiconductor S5L9290X02 Datasheet HTML 11Page - Samsung semiconductor S5L9290X02 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
S5L9290X02
DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
8
MCK, MDAT, MLT (Ta = 25
°°°°C, VDD = 3.0V, VSS = 0V)
Item
Symbol
Max
Typ
Min
Unit
Clock frequency
FCK1
1
-
-
MHz
Clock pulse width
TWCK1
-
-
500
ns
Setup time
TSU
-
-
300
ns
Hold time
TH
-
-
300
ns
Delay time
TD
-
-
300
ns
Latch pulse width
TW
-
-
1000
ns
SQCK frequency
FCK2
1
-
-
MHz
SQCK pulse width
TWCK2
-
-
500
ns
TWCK1
TWCK1
1/FCK1
TSU
TH
TD
T W
TWCK2
TWCK2
1/FCK2
TSU
TH
SQDT
SBDT
SBCK
SQCK
MLT
MDAT
MCK


Similar Part No. - S5L9290X02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9290X01-L0R0 SAMSUNG-S5L9290X01-L0R0 Datasheet
324Kb / 48P
   signal processing LSI for the CD
More results

Similar Description - S5L9290X02

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
   Digital Signal Processor for Audio Applications
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com