Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2840-MAX2841 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2840-MAX2841
Description  5GHz Linear Power Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2840-MAX2841 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2840-MAX2841 Datasheet HTML 1Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 2Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 3Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 4Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 5Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 6Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 7Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 8Page - Maxim Integrated Products MAX2840-MAX2841 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
5GHz Linear Power Amplifiers
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input VSWR
1.8:1
Output VSWR
1.9:1
Nonharmonic Spurious Output
-60
dBc
Power Ramp Turn-On Time
SHDN from low to high (Note 8)
1
1.5
µs
Power Ramp Turn-Off Time
SHDN from high to low (Note 8)
1
1.5
µs
RF Output Detector Response
Time
External capacitor, C = 10pF
0.5
1.5
µs
POUT = 15dBm (MAX2840)
1.1
POUT = 18dBm (MAX2841)
1.2
POUT = 12dBm (MAX2840)
1
POUT = 15dBm (MAX2841)
1
POUT = 5dBm (MAX2840)
0.7
RF Output Detector Voltage
Range
Load >100kΩ (Note 7)
POUT = 5dBm (MAX2841)
0.7
V
RF Output Detector Accuracy
When output detector voltage = 1.2V
±1
dB
RF Output Detector Slope
At maximum output power
6
dB/V
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2840/MAX2841 EV kits, VCC = +2.7V to +3.6V, GND = 0V, SHDN = VCC, VDAC = 1.6V (MAX2840), VDAC = 1.9V (MAX2841),
TA = +25°C. Typical values are measured at VCC = +3.3V, fRF = 5.25GHz, unless otherwise noted.) (Note 3)
Note 1: Specifications over temperature range are guaranteed by design. Production tests are performed at TA = +85°C.
Note 2: 5.25GHz 64-QAM modulated OFDM signal is applied at RF input port.
Note 3: Min and max values are guaranteed by design and characterization.
Note 4: Operation outside of this frequency range is possible but not guaranteed.
Note 5: Specifications are corrected for board losses on the EV kits (0.3dB at the input, 0.3dB at the output).
Note 6: RF input signal is following IEEE 802.11a standards.
Note 7: Specifications are corrected for board losses on the EV kits (0.3dB at the output).
Note 8: The total turn-on/settling time required for PA output power is within 0.5dB range of the final value.
Typical Operating Characteristics
(MAX2840/MAX2841 EV kits, VCC = +2.7V to +3.6V, GND = 0V, SHDN = VCC, VDAC = 1.6V (MAX2840), VDAC = 1.9V (MAX2841),
TA = +25°C. Typical values are measured at VCC = +3.3V, fRF = 5.25GHz, unless otherwise noted.) (Note 2)
SUPPLY VOLTAGE (V)
3.3
3.0
120
140
160
180
100
2.7
3.6
MAX2840
SUPPLY CURRENT vs. SUPPLY VOLTAGE
PIN = -8.9dBm
SUPPLY VOLTAGE (V)
3.3
3.0
0.05
0.10
0.15
0.20
0.25
0.30
0
2.7
3.6
MAX2840
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
TA = +25°C
TA = -40°C
TA = +85°C


Similar Part No. - MAX2840-MAX2841

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX280 MAXIM-MAX280 Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
MAX280 MAXIM-MAX280 Datasheet
7Mb / 12P
   5 TH ORDER ZERO DC ERROR LOW PASS FILTER
Rev 3; 8/95
MAX280-MXL1062 MAXIM-MAX280-MXL1062 Datasheet
7Mb / 12P
   5 TH ORDER ZERO DC ERROR LOW PASS FILTER
Rev 3; 8/95
MAX280CPA MAXIM-MAX280CPA Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
MAX280CWE MAXIM-MAX280CWE Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
More results

Similar Description - MAX2840-MAX2841

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
   3.3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
SZM-5066Z RFMD-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
   3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
logo
Advanced Power Technolo...
BYI-1 ADPOW-BYI-1 Datasheet
174Kb / 1P
   BYISTORS FOR LINEAR POWER AMPLIFIERS
logo
Microsemi Corporation
BYI-1 MICROSEMI-BYI-1 Datasheet
279Kb / 2P
   BYISTOR FOR LINEAR POWER AMPLIFIERS
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
   Wideband Linear Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com