Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD45302G Datasheet(PDF) 1 Page - Rohm

Part # BD45302G
Description  VOLTAGE DETECTOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45302G Datasheet(HTML) 1 Page - Rohm

  BD45302G Datasheet HTML 1Page - Rohm BD45302G Datasheet HTML 2Page - Rohm BD45302G Datasheet HTML 3Page - Rohm BD45302G Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications
VOLTAGE DETECTOR IC
with counter timer
BD45XXXG
BD46XXXG
1/4
Voltage detectors
BD45XXXG
BD46XXXG
BD45XXXG and BD46XXXG are series of high-accuracy detection voltage and low current consumption
VOLTAGE DETECTOR ICs adopting CMOS process. New lineup of 156 types with delay time circuit
have developed. Delay time is fixed in the IC due to the built-in counter timer to require no external
capacitor. Total 156 types of VOLTAGE DETECTOR ICs including BD45XXXG series (Nch open drain
output) and BD46XXXG series (CMOS output), each of which has 26 kinds in every 0.1V step (2.3~4.8V)
and three kinds of delay time (50msec, 100msec, 200msec) have developed.
Every kind of appliances with microcontroller and logic circuit
Features
1) Built-in delay time circuit
(Fixed delay time by the built-in ±10% of high-accuracy counter timer)
2) No external capacitor for setting delay time required
3) 3 kinds of delay time: 50msec(Typ.)(BD45XX5G,BD46XX5G)
100msec(Typ.)(BD45XX1G,BD46XX1G)
200msec(Typ.)(BD45XX2G,BD46XX2G)
4) Detection voltage: 2.3V ~ 4.8V 0.1V step
5) High-accuracy detection voltage: ±1.0%
6) Ultra low current consumption:0.85µA typ.
7) Output circuit: Nch open drain(BD45XXXG)
8) Package: SSOP5(SMP5C2)
9) Operating temperature range: -40°C ~ +105°C
BD45XXXG
BD46XXXG
Pin No.
SSOP5
ER
Sub
GND
VOUT
VDD
1
2
3
4
5
Application Circuit
Vout
VDD
Reset
VDD
VDD
GND
ER
Vref
Oscillation circuit
counter timer
Vout
Reset
VDD
VDD
GND
Vref
ER
Oscillation circuit
counter timer
1 2
4
5
3
1pin : External RESET
2pin : Connect to
3pin : GND
4pin : VOUT
5pin : VDD
(UNIT:mm)
SSOP5(SMP5C2)
(5)
2.9±0.2
(3)
(4)
(2)
(1)
+0.05
0.13 –0.03
0.95
0.1
0.42 +0.05
0.04
BD45XXXG
BD46XXXG
control
Sub, GND
CMOS(BD46XXXG)


Similar Part No. - BD45302G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45302G ROHM-BD45302G Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
BD45302G-TR ROHM-BD45302G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45302G-TR ROHM-BD45302G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD45302G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com