Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5423CRZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5423CRZ-T7
Description  12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5423CRZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5423CRZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5423CRZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN7176.1
November 19, 2004
Applications Information
Product Description
The EL5123, EL5223, EL5323, and EL5423 unity gain
buffers are fabricated using a high voltage CMOS process. It
exhibits rail-to-rail input and output capability and has low
power consumption (600µA per buffer). These features
make the EL5123, EL5223, EL5323, and EL5423 ideal for a
wide range of general-purpose applications. When driving a
load of 10k
Ω and 12pF, the EL5123, EL5223, EL5323, and
EL5423 have a -3dB bandwidth of 12MHz and exhibits
15V/µs slew rate.
Operating Voltage, Input, and Output
The EL5123, EL5223, EL5323, and EL5423 are specified
with a single nominal supply voltage from 5V to 15V or a split
supply with its total range from 5V to 15V. Correct operation
is guaranteed for a supply range of 4.5V to 16.5V. Most
EL5123, EL5223, EL5323, and EL5423 specifications are
stable over both the full supply range and operating
temperatures of -40°C to +85°C. Parameter variations with
operating voltage and/or temperature are shown in the
typical performance curves.
The output swings of the EL5123, EL5223, EL5323, and
EL5423 typically extend to within 50mV of positive and
negative supply rails with load currents of 5mA. Decreasing
load currents will extend the output voltage range even
closer to the supply rails. Figure 24shows the input and
output waveforms for the device. Operation is from ±5V
supply with a 10k
Ω load connected to GND. The input is a
10VP-P sinusoid. The output voltage is approximately
9.985VP-P.
FIGURE 24. OPERATION WITH RAIL-TO-RAIL INPUT AND
OUTPUT
Short Circuit Current Limit
The EL5123, EL5223, EL5323, and EL5423 will limit the
short circuit current to ±120mA if the output is directly
shorted to the positive or the negative supply. If an output is
shorted indefinitely, the power dissipation could easily
increase such that the device may be damaged. Maximum
reliability is maintained if the output continuous current never
exceeds ±30mA. This limit is set by the design of the internal
metal interconnects.
Output Phase Reversal
The EL5123, EL5223, EL5323, and EL5423 are immune to
phase reversal as long as the input voltage is limited from
VS- -0.5V to VS+ +0.5V. Figure 25 shows a photo of the
output of the device with the input voltage driven beyond the
supply rails. Although the device's output will not change
phase, the input's over-voltage should be avoided. If an input
voltage exceeds supply voltage by more than 0.6V,
electrostatic protection diodes placed in the input stage of
the device begin to conduct and over-voltage damage could
occur.
FIGURE 25. OPERATION WITH BEYOND-THE-RAILS INPUT
Power Dissipation
With the high-output drive capability of the EL5123, EL5223,
EL5323, and EL5423 buffer, it is possible to exceed the
125°C “absolute-maximum junction temperature” under
certain load current conditions. Therefore, it is important to
calculate the maximum junction temperature for the
application to determine if load conditions need to be
modified for the buffer to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
5V
5V
10µs
VS=±5V
TA=25°C
VIN=10VP-P
1V
1V
10µs
VS=±2.5V
TA=25°C
VIN=6VP-P
PDMAX
TJMAX TAMAX
Θ
d JA
---------------------------------------------
=
PDMAX
ΣiV
[
S
ISMAX VS+
(
VOUTi) ILOADi]
×
+
×
=
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5423CRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5423CRZ-T7 INTERSIL-EL5423CRZ-T7 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423CRZ-T7 INTERSIL-EL5423CRZ-T7 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5423CRZ-T7 RENESAS-EL5423CRZ-T7 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5423CRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com