Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H6061258P Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # H6061258P
Description  3 V Self Recovering Watchdog
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H6061258P Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  H6061258P Datasheet HTML 1Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 2Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 3Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 4Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 5Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 6Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 7Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
H6061
Copyright © 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage VDD to VSS
VDD
− 0.3 to + 5.6 V
Voltage at any pin to VSS
VMIN
− 0.3
Voltage at any pin to VDD
VMAX
+ 0.3
Voltage at VIN to VSS
VINMAX
+ 12 V
Current at any output
IMAX
± 10 mA
Storage temperature
TSTO
-65°C to +150°C
Electrostatic discharge max. to
MIL-STD-833C method 3014
VSmax
1000V
Table 1
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol Min. Max. Units
Operating temperature
Industrial
TAI
-40
+85
°C
Supply voltage
VDD
2.7
5.25
V
Version 11,12
VIN
0
12
V
RC-oscillator programming
External capacitance
C1
1
µF
External resistance
R1
10
k
* Leakage < 1
µA
Table 2
Electrical Characteristics
VDD = 5.0 V, TA =
−40 to +85 °C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
VDD activation threshold
VDD deactivation threshold
Supply current
Input VIN, TCL
Leakage current
VON
VOFF
IDD
IP
TA = 25
°C
TA = 25
°C
RC open, TCL at VDD or VSS
VSS < VIP <VDD
TA = 80
°C
2.3
VON-0.3
80
0.005
2.7
140
1
V
V
µA
µA
TCL
input low level
TCL
input high level
Leakage on pins SAVE , RES , RES
VIL
VIH
IOLK
VOUT = VDD
2.4
0.050
0.8
1
V
V
µA
O/P drive logic low
IOL
IOL
IOL
VOL = 0.4 V
VDD = 3.5 V; VOL = 0.4 V
VDD = 1.6 V; VOL = 0.4 V
4
2
80
8
mA
mA
µA
Table 3
VIN Surveillance
Voltage thresholds at TA = 25
°C
Version No.
Thresholds
VSH
VSL
VRL
at VDD
Threshold Voltage
Tolerance
Threshold
Ratio*
Pin VIN
Input
25
1.54
1.50
1.46
2.7 – 5.0 V
±10%
±2%
∼100 MΩ
* Threshold ratio defined as VSH / VSL or VSL / VRL.
Table 4
Timing Characteristics
VDD = 5.0 V, TA =
−40 °C to +85 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Propagation delays
TCL
to output pins
TDIDO
250
500
ns
VIN to output pins
T
AIDO
Excluding debounce time TDB
4
10
µs
Logic transition times on
all output pins
T
TR
Load 10 k
Ω, 100 pF
30
100
ns
Timeout period
TTO
RC open, unshielded, TA = 25
°C
60
100
160
ms
TTCL input pulse width
T
TCL
150
ns
Power-on reset debounce
TDB
TTO/64
ms
Fastest pulse VIN with debounce
TVINL
-40 to +85 °C
10
µs
Table 5


Similar Part No. - H6061258P

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H6060 EMMICRO-H6060 Datasheet
280Kb / 8P
   Self Recovering Watchdog
logo
Cooper Bussmann, Inc.
H60600-1 COOPER-H60600-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60600-1 COOPER-H60600-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60600-3 COOPER-H60600-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60600-3 COOPER-H60600-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H6061258P

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H6060 EMMICRO-H6060 Datasheet
280Kb / 8P
   Self Recovering Watchdog
logo
Micrel Semiconductor
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Renesas Technology Corp
M62055FP RENESAS-M62055FP Datasheet
222Kb / 10P
   3 V Power Supply with Watchdog Timer
M62050P RENESAS-M62050P Datasheet
150Kb / 12P
   3 V Supply System Reset with Watchdog Timer
logo
FSP TECHNOLOGY INC.
FP600 FSP-FP600 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
FP400 FSP-FP400 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
FP800 FSP-FP800 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com