Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H6061258P Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # H6061258P
Description  3 V Self Recovering Watchdog
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H6061258P Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

  H6061258P Datasheet HTML 1Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 2Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 3Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 4Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 5Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 6Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 7Page - EM Microelectronic - MARIN SA H6061258P Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
R
H6061
Copyright © 2004, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Package Information
Dimensions of 8-Pin SOIC Package
Min Nom Max
A
1.35 1.63 1.75
A1 0.10 0.15 0.25
B
0.33 0.41 0.51
C
0.19 0.20 0.25
D
4.80 4.93 5.00
E
3.80 3.94 4.00
e
1.27
H
5.80 5.99 6.20
L
0.40 0.64 1.27
2
3
4
56
7
8
H
L
0 - 8°
C
E
A1
A
B
e
D
Dimensions in mm
Fig. 12
Ordering Information
When ordering, please specify the complete Part Number
Part Number
Version
Package
Delivery
Form
Package Marking
(first line)
Temperature
H6061
V25SO8A
8-pin SOIC
Stick
606125
H6061
V25SO8B
V25
8-pin SOIC
Tape&Reel
606125
-40°C to +85°C
Note: other versions are no longer available
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely
embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry
and specifications without notice at any time. You are strongly urged to ensure that the information given has not been
superseded by a more up-to-date version.
© EM Microelectronic-Marin SA, 07/04, Rev. H
Fig. 12


Similar Part No. - H6061258P

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H6060 EMMICRO-H6060 Datasheet
280Kb / 8P
   Self Recovering Watchdog
logo
Cooper Bussmann, Inc.
H60600-1 COOPER-H60600-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60600-1 COOPER-H60600-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60600-3 COOPER-H60600-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60600-3 COOPER-H60600-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H6061258P

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H6060 EMMICRO-H6060 Datasheet
280Kb / 8P
   Self Recovering Watchdog
logo
Micrel Semiconductor
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Renesas Technology Corp
M62055FP RENESAS-M62055FP Datasheet
222Kb / 10P
   3 V Power Supply with Watchdog Timer
M62050P RENESAS-M62050P Datasheet
150Kb / 12P
   3 V Supply System Reset with Watchdog Timer
logo
FSP TECHNOLOGY INC.
FP600 FSP-FP600 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
FP400 FSP-FP400 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
FP800 FSP-FP800 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com