Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2090 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2090
Description  Integrated Circuit 7-Channel Transistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2090 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2090 Datasheet HTML 1Page - NTE Electronics NTE2090 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2090
Integrated Circuit
7–Channel Transistor Array
Description:
The NTE2090 is an integrated circuit in a 16–Lead DIP type package comprised of six NPN low satu-
ration drivers. All units feature integral clamp diodes for switching inductive loads and protective
diodes for protection against a negative input voltage.
Features:
D Low Saturation Outputs:
VCE(sat) = 0.6V Max @ IOUT = 120mA
D Output Rating:
20V/150mA
D Output Clamp Diodes
D CMOS and PMOS Compatable Inputs
D Input Protection Diodes
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
–0.5V to +20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Sustaining Voltage, VCE(sus)
–0.5V to VCC +0.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
150mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VIN
–37V to +20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current, IIN
1.5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamp Diode Reverse Voltage, VR
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamp Diode Forward Current, IF
120mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND Pin Current, IGND
800mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
1W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = –40° to +85°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.75
18
V
Output Current
IOUT
0
120
mA
TPW = 25ms, DF = 10% 7 Circuits
0
100
mA
Input Voltage
VIN
–35
VCC
V
Clamp Diode Reverse Voltage
VR
18
V
Clamp Diode Forward Voltage
IF
120
mA
Power Dissipation
PD
0.36
W


Similar Part No. - NTE2090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE209 ETC2-NTE209 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
More results

Similar Description - NTE2090

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
KEC(Korea Electronics)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003BP FS-FD62003BP Datasheet
170Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
logo
NTE Electronics
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com