Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L08 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA178L08
Description  3-terminal Fixed Voltage Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA178L08 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA178L08 Datasheet HTML 5Page - Hitachi Semiconductor HA178L08 Datasheet HTML 6Page - Hitachi Semiconductor HA178L08 Datasheet HTML 7Page - Hitachi Semiconductor HA178L08 Datasheet HTML 8Page - Hitachi Semiconductor HA178L08 Datasheet HTML 9Page - Hitachi Semiconductor HA178L08 Datasheet HTML 10Page - Hitachi Semiconductor HA178L08 Datasheet HTML 11Page - Hitachi Semiconductor HA178L08 Datasheet HTML 12Page - Hitachi Semiconductor HA178L08 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HA178L00 Series
9
HA178L06 Electrical Characteristics
(V
IN = 11 V, IOUT = 40 mA, 0°C
Tj 125°C, C
IN = 0.33
µF, C
OUT = 0.1 µF)
HA178L06P
HA178L06
HA178L06PA
HA178L06A
HA178L06UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max Unit
Test Conditions
Output voltage
V
OUT
5.61
6.0
6.39
5.76 6.0
6.24 V
Tj = 25
°C
Line regulation
δV
OLINE
50
200
50
150
mV
Tj = 25
°C 8.1 V ≤ V
IN ≤ 21 V
45
150
45
110
9.0 V
≤ V
IN ≤ 21 V
Load regulation
δV
OLOAD
17.5 —
17.5
mV
Tj = 25
°C 1.0 mA ≤ I
OUT ≤ 150 mA
12
70
12
70
1.0 mA
≤ I
OUT ≤ 100 mA
5.5
35
5.5
35
1.0 mA
≤ I
OUT ≤ 40 mA
Output voltage
V
OUT
5.52
6.48
5.7
6.3
V
8.1 V
≤ V
IN ≤ 21 V,
1.0 mA
≤ I
OUT ≤ 40 mA
5.52
6.48
5.7
6.3
V
IN = 11 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent
current
I
Q
3.0
6.0
3.0
6.0
mA
Tj = 25
°C
Quiescent
δI
Q
1.5
1.5
mA
Tj = 25
°C 9.0 V ≤ V
IN ≤ 20 V
current change
0.2
0.1
1.0 mA
≤ I
OUT ≤ 40 mA
Ripple rejection
ratio
R
REJ
57
57
dB
f = 120 Hz,
9.0 V
≤ V
IN < 19 V, Tj = 25°C
Temperature
coefficient of
output voltage
δV
OUT/ δTj
+0.1 —
+0.1 —
mV/
°CI
OUT = 5 mA
Dropout voltage V
DROP
1.7
1.7
V
Tj = 25
°C


Similar Part No. - HA178L08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA178L08-TZ RENESAS-HA178L08-TZ Datasheet
187Kb / 13P
   HA178L00_15
HA178L08A-TZ RENESAS-HA178L08A-TZ Datasheet
187Kb / 13P
   HA178L00_15
HA178L08P-TZ RENESAS-HA178L08P-TZ Datasheet
187Kb / 13P
   HA178L00_15
HA178L08PA-TZ RENESAS-HA178L08PA-TZ Datasheet
187Kb / 13P
   HA178L00_15
HA178L08UA-TL RENESAS-HA178L08UA-TL Datasheet
187Kb / 13P
   HA178L00_15
More results

Similar Description - HA178L08

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
   3-terminal Fixed Voltage Regulators
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com