Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5424IL Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5424IL
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5424IL Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5424IL Datasheet HTML 4Page - Intersil Corporation EL5424IL Datasheet HTML 5Page - Intersil Corporation EL5424IL Datasheet HTML 6Page - Intersil Corporation EL5424IL Datasheet HTML 7Page - Intersil Corporation EL5424IL Datasheet HTML 8Page - Intersil Corporation EL5424IL Datasheet HTML 9Page - Intersil Corporation EL5424IL Datasheet HTML 10Page - Intersil Corporation EL5424IL Datasheet HTML 11Page - Intersil Corporation EL5424IL Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
If the capacitor is increased above 1µF, stability is generally
improved and short pulses of current will cause a smaller
“perturbation” on the VCOM voltage. The speed of response
of the amplifier is however degraded as its bandwidth is
decreased. At capacitor values around 10µF, a subtle
interaction with internal DC gain boost circuitry will decrease
the phase margin and may give rise to some overshoot in
the response. The amplifier will remain stable though.
RESPONSE TO HIGH CURRENT SPIKES
The VCOM amplifier's output current is limited to 150mA.
This limit level, which is roughly the same for sourcing and
sinking, is included to maintain reliable operation of the part.
It does not necessarily prevent a large temperature rise if the
current is maintained. (In this case the whole chip may be
shut down by the thermal trip to protect functionality.) If the
display occasionally demands current pulses higher than
this limit, the reservoir capacitor will provide the excess and
the amplifier will top the reservoir capacitor back up once the
pulse has stopped. This will happen on the µs time scale in
practical systems and for pulses 2 or 3 times the current
limit, the VCOM voltage will have settled again before the
next line is processed.
Power Dissipation
With the high-output drive capability of the EL5224, EL5324,
and EL5424 buffer, it is possible to exceed the 125°C
“absolute-maximum junction temperature” under certain load
current conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if load conditions need to be modified for the
buffer to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
when sourcing, and:
when sinking.
where:
• i = 1 to total number of buffers
•VS = Total supply voltage of buffer
•VSA = Total supply voltage of VCOM
•ISMAX = Maximum quiescent current per channel
•ISA = Maximum quiescent current of VCOM
•VOUTi = Maximum output voltage of the application
•VOUTA = Maximum output voltage of VCOM
•ILOADi = Load current of buffer
•ILA = Load current of VCOM
If we set the two PDMAX equations equal to each other, we
can solve for the RLOAD's to avoid device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat. The maximum safe power
dissipation can be found graphically, based on the package
type and the ambient temperature. By using the previous
equation, it is a simple matter to see if PDMAX exceeds the
device's power derating curves.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended, lead lengths
should be as short as possible, and the power supply pins
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- and VSA- pins
are connected to ground, two 0.1µF ceramic capacitors
should be placed from VS+ and VSA+ pins to ground. A
4.7µF tantalum capacitor should then be connected from
VS+ and VSA+ pins to ground. One 4.7µF capacitor may be
used for multiple devices. This same capacitor combination
should be placed at each supply pin to ground if split
supplies are to be used. Internally, VS+ and VSA+ are
shorted together and VS- and VSA- are shorted together. To
avoid high current density, the VS+ pin and VSA+ pin must
be shorted in the PCB layout. Also, the VS- pin and VSA- pin
must be shorted in the PCB layout.
Important Note: The metal plane used for heat sinking of
the device is electrically connected to the negative
supply potential (VS- and VSA-). If VS- and VSA- are tied
to ground, the thermal pad can be connected to ground.
Otherwise, the thermal pad must be isolated from any
other power planes.
P
DMAX
T
JMAX - TAMAX
Θ
JA
---------------------------------------------
=
P
DMAX
ΣiV
S
[
I
SMAX
V
(
S+ - VOUTi )
I
LOADi ]
V
SA
[
I
SAA
V
SA
(
+ - V
OUTA )
I
LA ]
×
+
×
+
×
+
×
×
=
P
DMAX
ΣiV
S
[
I
SMAX
V
(
OUTi - VS- )
I
LOADi ]
V
SA
[
I
SAA
V
SA
(
+ - V
OUTA )
I
LA ]
×
+
×
+
×
+
×
×
=
EL5224, EL5324, EL5424


Similar Part No. - EL5424IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5424ILZ RENESAS-EL5424ILZ Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5424ILZ-T13 RENESAS-EL5424ILZ-T13 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5424ILZ-T7 RENESAS-EL5424ILZ-T7 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5424IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com