Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049L-25VC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1049L-25VC
Description  512K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049L-25VC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1049L-25VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1049L-25VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY7C1049
PRELIMINARY
Document #: 38-05063 Rev. **
Page 2 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1] ................................–0.5V to VCC + 0.5V
Current into Outputs (LOW) .........................................20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
4.5V–5.5V
Industrial
–40
°C to +85°C
Military
–55
°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C1049-12
7C1049-15
7C1049-17
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
–0.3
0.8
–0.3
0.3
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1
+1
–1+1
–1+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
240
220
195
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
40
40
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f=0
Com’l
888
mA
Com’lL
0.5
0.5
0.5
mA
Ind’l
999
mA
Military
10
10
10
mA
Shaded areas contain advance information.
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
TA is the “instant on” case temperature.


Similar Part No. - CY7C1049L-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049AV33-10 CYPRESS-CY7C1049AV33-10 Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1049AV33-12 CYPRESS-CY7C1049AV33-12 Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-12VC CYPRESS-CY7C1049B-12VC Datasheet
132Kb / 10P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049L-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com