Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29352AIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29352AIT
Description  2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29352AIT Datasheet HTML 1Page - Cypress Semiconductor CY29352AIT Datasheet HTML 2Page - Cypress Semiconductor CY29352AIT Datasheet HTML 3Page - Cypress Semiconductor CY29352AIT Datasheet HTML 4Page - Cypress Semiconductor CY29352AIT Datasheet HTML 5Page - Cypress Semiconductor CY29352AIT Datasheet HTML 6Page - Cypress Semiconductor CY29352AIT Datasheet HTML 7Page - Cypress Semiconductor CY29352AIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY29352
Document #: 38-07476 Rev. **
Page 5 of 8
AC Parameters[6] (VDD = 3.3V ± 5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fVCO
VCO Frequency
200
500
MHz
fin
Input Frequency
÷2 Feedback
100
200
MHz
÷4 Feedback
50
125
÷6 Feedback
33.33
83.33
÷8 Feedback
25
62.5
÷12 Feedback
16.67
41.67
Bypass mode (PLL_EN# = 1)
0
200
frefDC
Input Duty Cycle
25
75
%
tr , tf
TCLK Input Rise/FallTime
0.8V to 2.0V
1.0
ns
fMAX
Maximum Output Frequency
÷2 Output
100
200
MHz
÷4 Output
50
125
÷6 Output
33.33
83.33
÷8 Output
25
62.5
÷12 Output
16.67
41.67
DC
Output Duty Cycle
fMAX < 100 MHz
48
52
%
fMAX > 100 MHz
44
56
tr , tf
Output Rise/Fall times
0.55V to 2.4V
0.1
1.0
ns
t(φ)
Propagation Delay (static phase
offset)
TCLK to FB_IN, same VDD,
does not include jitter
–100
200
ps
tsk(O)
Output-to-Output Skew
Skew within each Bank
125
ps
tsk(B)
Bank-to-Bank Skew
Banks at same voltage, same
frequency
175
ps
Banks at same voltage,
different frequency
235
Banks at different voltage
425
tPLZ, HZ
Output Disable Time
8
ns
tPZL, ZH
Output Enable Time
10
ns
BW
PLL Closed Loop Bandwidth (-3dB)
÷2 Feedback
2
MHz
÷4 Feedback
1 – 1.5
÷6 Feedback
0.6
÷8 Feedback
0.75
÷12 Feedback
0.5
tJIT(CC)
Cycle-to-Cycle Jitter
Same frequency
100
ps
Multiple frequencies
275
tJIT(PER)
Period Jitter
Same frequency
100
ps
Multiple frequencies
150
tJIT(φ)
I/O Phase Jitter
VCO < 300 MHz
150
ps
VCO > 300 MHz
100
tLOCK
Maximum PLL Lock Time
1
ms
Note:
6.
AC characteristics apply for parallel output termination of 50
Ω to V
TT. Outputs are at the same supply voltage unless otherwise stated. Parameters are
guaranteed by characterization and are not 100% tested.


Similar Part No. - CY29352AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352AXI CYPRESS-CY29352AXI Datasheet
247Kb / 9P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352AXI CYPRESS-CY29352AXI Datasheet
284Kb / 9P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29352AXI CYPRESS-CY29352AXI Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
247Kb / 9P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
284Kb / 9P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
More results

Similar Description - CY29352AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_07 Datasheet
247Kb / 9P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com