Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD45375 Datasheet(PDF) 3 Page - Rohm

Part # BD45375
Description  VOLTAGE DETECTOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45375 Datasheet(HTML) 3 Page - Rohm

  BD45375 Datasheet HTML 1Page - Rohm BD45375 Datasheet HTML 2Page - Rohm BD45375 Datasheet HTML 3Page - Rohm BD45375 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Voltage detectors
BD45XXXG
BD46XXXG
5
2
1
4
3
10
7
6
9
8
0.5
1.0
1.5
VDD (V)
0
(BD45281G)
3.5
0.5
1.5
2.5 3
4.5
4
5.5
5
2
1
1
2
3
4
5
6
7
8
9
0
VDD (V)
Ta=25˚C
Ta=25˚C
(BD45421G)
18
1.5
2
2.5
10
15
0.5
1
5
0
VDS (V)
VDD=1.2V
VDD=2.4V
(BD45281G)
Timing waveform
VDD
VDD
VOUT
ER
GND
A
VDD
VDS
VDD
VOUT
GND
A
0
50
–40
90
Ta (˚C)
3.4
3.8
4.2
4.6
5.0
5.4
(BD45421G)
low to high(VDET+∆VDET)
high to low(VDET)
VDD
VDS
VDD
VOUT
GND
A
ER
ER
RL=470KΩ
VDD
V
VDD
VOUT
GND
ER
RL=470KΩ
VDD
V
VDD
VOUT
GND
ER
3
4
5
6
10
15
1
2
2
5
0
VDS(V)
VDD=4.8V
VDD=6.0V
(BD46281G)
tPLH
tPLH
tPHL
tPHL
tPLH
VDD
VDD
VOUT
ER
VDET
0V
VOH
VOL
VEH
VDET+∆VDET
Circuit current
"L" output current
"H" output current
I/O characteristic
Detection voltage


Similar Part No. - BD45375

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45375 ROHM-BD45375 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45375 ROHM-BD45375 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD45375 ROHM-BD45375 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45375 ROHM-BD45375 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45375 ROHM-BD45375 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD45375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com