Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61130PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61130PW
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61130PW Datasheet(HTML) 5 Page - Texas Instruments

  TPS61130PW Datasheet HTML 1Page - Texas Instruments TPS61130PW Datasheet HTML 2Page - Texas Instruments TPS61130PW Datasheet HTML 3Page - Texas Instruments TPS61130PW Datasheet HTML 4Page - Texas Instruments TPS61130PW Datasheet HTML 5Page - Texas Instruments TPS61130PW Datasheet HTML 6Page - Texas Instruments TPS61130PW Datasheet HTML 7Page - Texas Instruments TPS61130PW Datasheet HTML 8Page - Texas Instruments TPS61130PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
Terminal Functions
TERMINAL
NO.
I/O
Description
NAME
PW
RSA
EN
7
5
I
DC/DC-enable input. (1/VBAT enabled,
0/GND disabled)
FB
15
13
I
DC/DC voltage feedback of adjustable
versions
GND
12
10
I/O
Control/logic ground
LBI
5
3
I
Low battery comparator input
(comparator enabled with EN)
LBO
13
11
O
Low battery comparator output (open
drain)
LDOEN
8
6
I
LDO-enable input (1/LDOIN enabled,
0/GND disabled)
LDOOUT
10
8
O
LDO output
LDOIN
9
7
I
LDO input
LDOSENSE
11
9
I
LDO feedback for voltage adjustment,
must be connected to LDOOUT at fixed
output voltage versions
SWP
1
15
I
DC/DC rectifying switch input
PGND
3
1
I/O
Power ground
PGOOD
14
12
O
DC/DC output power good (1 : good, 0 :
failure) (open drain)
SKIPEN
6
4
I
Enable/disable power save mode
(1/VBAT enabled, 0/GND disabled)
SWN
2
16
I
DC/DC switch input
VBAT
4
2
I
Supply pin
VOUT
16
14
O
DC/DC output
5


Similar Part No. - TPS61130PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61130PW TI1-TPS61130PW Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
TPS61130PWG4 TI1-TPS61130PWG4 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
TPS61130PWR TI1-TPS61130PWR Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
TPS61130PWRG4 TI1-TPS61130PWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
More results

Similar Description - TPS61130PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI1-TPS61130_15 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com