Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55VBM416AFTN55 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC55VBM416AFTN55
Description  1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VBM416AFTN55 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC55VBM416AFTN55 Datasheet HTML 3Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 4Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 5Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 6Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 7Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 8Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 9Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 10Page - Toshiba Semiconductor TC55VBM416AFTN55 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TC55VBM416AFTN55
2002-08-29
7/14
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Input pulse level
0.2 V, VDD × 0.7 V + 0.2 V
tR, tF
1V / ns(Fig.1)
Timing measurements
VDD × 0.5
Reference level
VDD × 0.5
Output load
30 pF
+ 1 TTL Gate(Fig.2)
Fig.1 : Input rise and fall time
Fig.2 : Output load
FUNCTION
SYMBOL
PARAMETER
MIN
MAX
UNIT
tBS
BYTE Setup Time
5
ms
tBR
BYTE Recovery Time
5
ms
TIMING DIAGRAMS
BYTE
Dout
30 pF
R2
VTM
R1
R1
= 810 Ω
R2
= 1610 Ω
VTM = 2.3 V
GND
90%
1 V/ns
tR
10%
90%
10%
tF
VDD Typ
1 V/ns
BYTE
CE2
tBS
1
CE
tBR
BYTE


Similar Part No. - TC55VBM416AFTN55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN40 TOSHIBA-TC55VBM316AFTN40 Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN55 TOSHIBA-TC55VBM316AFTN55 Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316ASTN40 TOSHIBA-TC55VBM316ASTN40 Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316ASTN55 TOSHIBA-TC55VBM316ASTN55 Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55VBM416AFTN55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM416BTGN55 TOSHIBA-TC55VCM416BTGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Toshiba Semiconductor
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com