Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD128 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD128
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD128 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65MLVD128 Datasheet HTML 7Page - Texas Instruments SN65MLVD128 Datasheet HTML 8Page - Texas Instruments SN65MLVD128 Datasheet HTML 9Page - Texas Instruments SN65MLVD128 Datasheet HTML 10Page - Texas Instruments SN65MLVD128 Datasheet HTML 11Page - Texas Instruments SN65MLVD128 Datasheet HTML 12Page - Texas Instruments SN65MLVD128 Datasheet HTML 13Page - Texas Instruments SN65MLVD128 Datasheet HTML 14Page - Texas Instruments SN65MLVD128 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SN65MLVD128
SN65MLVD129
SLLS586 − MARCH 2004
www.ti.com
11
TYPICAL CHARACTERISTICS
Figure 9
60
90
120
150
180
25
50
75
100
125
RMS SUPPLY CURRENT
vs
INPUT FREQUENCY
f − Input Frequency − MHz
VCC = 3.3 V
TA = 255C
All EN = VCC
RL = 50 W
Figure 10
60
90
120
150
180
−40
−15
10
85
RMS SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC = 3.3 V
f = 100 MHz
All EN = VCC
RL = 50 W
TA − Free-Air Temperature − °C
35
60
Figure 11
450
500
550
600
650
700
25
50
75
100
125
TA = 255C
EN = VCC
RL = 50 W,
VCC = 3.3 V
VCC = 3.6 V
VCC = 3 V
DIFFERENTIAL OUTPUT VOLTAGE MAGNITUDE
vs
INPUT FREQUENCY
f − Input Frequency − MHz
Figure 12
1.6
1.8
2
2.2
2.4
−40
−15
10
60
85
tPLH
tPHL
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
35
2.3
2.1
1.9
1.7
VCC = 3.3 V
f = 500 kHz
EN = VCC
RL = 50 W


Similar Part No. - SN65MLVD128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI1-SN65MLVD128 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGG TI1-SN65MLVD128DGG Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGG4 TI1-SN65MLVD128DGGG4 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGR TI1-SN65MLVD128DGGR Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGRG4 TI1-SN65MLVD128DGGRG4 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Similar Description - SN65MLVD128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com