Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BC380 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC44BC380
Description  VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BC380 Datasheet(HTML) 4 Page - Motorola, Inc

  MC44BC380 Datasheet HTML 1Page - Motorola, Inc MC44BC380 Datasheet HTML 2Page - Motorola, Inc MC44BC380 Datasheet HTML 3Page - Motorola, Inc MC44BC380 Datasheet HTML 4Page - Motorola, Inc MC44BC380 Datasheet HTML 5Page - Motorola, Inc MC44BC380 Datasheet HTML 6Page - Motorola, Inc MC44BC380 Datasheet HTML 7Page - Motorola, Inc MC44BC380 Datasheet HTML 8Page - Motorola, Inc MC44BC380 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
MC44BC380 Technical Data
MOTOROLA
Antenna/Booster Splitter Electrical Characteristics
4 Antenna / Booster Splitter Electrical Characteristics
4.1 Parameter Type
4.2 Specification Conditions
Unless otherwise stated: Vcc=5.0V, Ambient Temperature=25
o C, all outputs into 75Ohm load. All
specifications use a BALUN at ANT1, 2 inputs, assuming a 0.8dB MAX loss from 40 MHz to 880MHz.
A:
100% Tested
C:
Characterized on samples
B:
100% Correlation tested
D:
Design parameter
Table 1. Specification Conditions
Ref
Parameter
Test Conditional
Min
Typ
Max
Unit
Type
Vcc
Supply Voltage
4.5
5
5.5
V
IccB
BST section supply
current
28
35
42
mA
Frequency range
40
880
MHz
GvGt
Gain
ANT1, 2 to VCRTU
ANT1, 2 to TVOUT
5
5
dB
Gain Flatness
40 to 880MHz
–1.2
+1.2
dB
Noise figure
ANT1, 2 to VCRTU and ANT1, 2
to TVOUT
79.5
dB
VSWR
All pins, BST bias ON
At TVout and VCRTU, BST bias
OFF
1.5
2
At ANTin pins. BST OFF.
2.5
3
Intermodulation (IMD)
Input level=90dBuV
See IMD Measurement
45
dBc
Isolation
From TVOUT or VCR to ANT1, 2
TVOUT/VCRTU from 40MHz to
600MHz1
1.
Output-to-Output isolation is dependant on printed circuit board (PCB ) layout and Vcc line DC-coupling.
See Application records and PCB layout proposal.
45
30
50
45
dBc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC380

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC44BC380 NXP-MC44BC380 Datasheet
478Kb / 10P
   VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Rev. 1.3 09/2002
MC44BC380D NXP-MC44BC380D Datasheet
478Kb / 10P
   VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Rev. 1.3 09/2002
MC44BC380DR2 NXP-MC44BC380DR2 Datasheet
478Kb / 10P
   VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Rev. 1.3 09/2002
More results

Similar Description - MC44BC380

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC44BC380 NXP-MC44BC380 Datasheet
478Kb / 10P
   VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Rev. 1.3 09/2002
logo
TEMIC Semiconductors
U2309B TEMIC-U2309B Datasheet
189Kb / 8P
   VHF/ UHF-Tuner-IC
logo
Toshiba Semiconductor
TA1281F TOSHIBA-TA1281F Datasheet
376Kb / 12P
   UHF/VHF TUNER IC
TA1231F TOSHIBA-TA1231F Datasheet
375Kb / 12P
   UHF/VHF TUNER IC
logo
TEMIC Semiconductors
U2305B TEMIC-U2305B Datasheet
202Kb / 8P
   VHF/ UHF-Tuner-IC
logo
Siemens Semiconductor G...
MTI3006X SIEMENS-MTI3006X Datasheet
327Kb / 14P
   VHF/UHF-Tuner IC
logo
TEMIC Semiconductors
U2320B TEMIC-U2320B Datasheet
159Kb / 7P
   VHF/UHF Tuner-IC
logo
Siemens Semiconductor G...
TUA2019-5X SIEMENS-TUA2019-5X Datasheet
447Kb / 15P
   VHF I / VHF II / UHF-Tuner IC
TUA2009X SIEMENS-TUA2009X Datasheet
576Kb / 16P
   VHF I / VHF II / UHF-Tuner IC
logo
Harris Corporation
RF-9070 HARRIS-RF-9070 Datasheet
251Kb / 2P
   VHF/UHF BICONICAL HIGH-POWER ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com