Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8544EEP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8544EEP
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8544EEP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8544EEP Datasheet HTML 7Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 8Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 9Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 10Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 11Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 12Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 13Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 14Page - Maxim Integrated Products MAX8544EEP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
______________________________________________________________________________________
11
Pin Description (continued)
PIN
MAX8543
MAX8544
NAME
FUNCTION
13
16
LX
Inductor Connection
14
17
DH
High-Side MOSFET Gate-Driver Output. Connect DH to the gate of the high-side
external MOSFETs. DH is pulled low in shutdown.
15
18
BST
Boost Capacitor Connection. Connect a 0.1µF or larger ceramic capacitor from BST to
LX. BST provides power for the high-side MOSFET gate drive.
16
19
FSYNC
Frequency Set and Synchronization. Connect a resistor from FSYNC to GND to set the
switching frequency or drive with a clock signal to synchronize between 160kHz and
1.2MHz. See the Switching Frequency and Synchronization section.
1
ILIM2
Analog Programmable Current-Limit Input for Low-Side MOSFET (VLX - VPGND).
Connect a resistor from ILIM2 to ground to set the overcurrent threshold. See the
Setting the Current Limits section.
10
MODE
Current-Limit Operating-Mode Selection. Connect MODE to VL for latch-off current limit
or connect to GND for automatic-recovery current limit with the MAX8544. The MAX8543
always uses automatic-recovery current limit.
—11
POK
Power-OK. POK is an open-drain output that is high impedance when the output is
above 91% of its nominal regulation voltage. POK is pulled low when the output is out
of regulation and when the part is in shutdown. To use POK as a logic-level signal,
connect a pullup resistor from POK to the logic supply.
20
SYNCO
Synchronization Output. Provides a clock output that is 180° out of phase with the rising
edge of DH for out-of-phase synchronization of another MAX8544.


Similar Part No. - MAX8544EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8540 MAXIM-MAX8540 Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX8540-MAX8541 MAXIM-MAX8540-MAX8541 Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX8540EEE MAXIM-MAX8540EEE Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX8541 MAXIM-MAX8541 Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX8541EEE MAXIM-MAX8541EEE Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
More results

Similar Description - MAX8544EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1858A MAXIM-MAX1858A Datasheet
553Kb / 22P
   Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
19-2966; Rev 0; 10/03
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
Advanced Analogic Techn...
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
   Low Noise Dual 600mA Step-Down Converter with Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com