Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1010-01I156.2500 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M1010-01I156.2500
Description  VCSO BASED CLOCK JITTER ATTENUATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1010-01I156.2500 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M1010-01I156.2500 Datasheet HTML 1Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 2Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 3Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 4Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 5Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 6Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 7Page - Integrated Circuit Systems M1010-01I156.2500 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M1010-01 Datasheet Rev 0.4
2 of 8
Revised 29Sep2003
Integr ate d Circuit Systems , In c. ● Comm unication s Modules ● www.icst.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M1010-01
VCSO BASED CLOCK JITTER ATTENUATOR
Preliminar y In f o r m atio n
DETAILED BLOCK DIAGRAM
Figure 3: Detailed Block Diagram
PIN DESCRIPTIONS
Number
Name
I/O
Configuration
Description
1, 2, 3, 10, 14, 26
GND
Ground
Power supply ground connections.
4
9
OP_IN
nOP_IN
Input
External loop filter connections.
See Figure 4, External Loop Filter, on pg. 4.
5
8
nOP_OUT
OP_OUT
Output
6
7
nVC
VC
Input
11, 18, 19, 33
VCC
Power
Power supply connection, connect to +3.3V.
12, 13, 17, 25, 32
NC
No internal connection.
15
16
FOUT
nFOUT
Output
No internal terminator
Clock output pairs. Differential LVPECL.
20
nDIF_REF1
Input
Internal pull-UP resistor1
Note 1: For typical values of internal pull-down and pull-up resistors, see “Inputs with Pull-down” and “Inputs with Pull-up”
in Table 8, DC Characteristics, on pg. 6.
Reference clock input pair.
Differential LVPECL or LVDS.
21
DIF_REF1
Internal pull-down resistor1
22
REF_SEL
Input
Internal pull-down resistor1
Reference clock input selection. LVCMOS/LVTTL:
Logic 1 selects DIF_REF1, nDIF_REF1.
Logic 0 selects DIF_REF0, nDIF_REF0.
23
nDIF_REF0
Input
Internal pull-UP resistor1
Reference clock input pair.
Differential LVPECL or LVDS.
24
DIF_REF0
Internal pull-down resistor1
27
28
FIN_SEL1
FIN_SEL0
Input
Internal pull-down resistor1
I
nput clock frequency selection. LVCMOS/LVTTL.
See Table 3, Mfin (Frequency Input) Divider Look-Up Table
(LUT) on pg. 3.
29
30
31
SEL0
SEL1
SEL2
Input
Internal pull-UP resistor1
M and R divider value selection. LVCMOS/ LVTTL.
See Table 4, SEL2:0 Look-up Table (LUT) on pg. 3.
34, 35, 36
DNC
Do Not Connect.
Table 2: Pin Descriptions
Phase
Locked
Loop
(PLL)
M1010
SAW Delay Line
Phase
Shifter
VCSO
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
R
IN
R
IN
OP_IN
nOP_IN
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
FOUT
nFOUT
SEL2:0
FIN_SEL1:0
R Div
MUX
0
REF_SEL
DIF_REF1
nDIF_REF1
DIF_REF0
nDIF_REF0
1
2
Divider LUT
3
Mfin Divider
LUT
Mfin Divider
M Div


Similar Part No. - M1010-01I156.2500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M101-006-LMC-BK TRIPPLITE-M101-006-LMC-BK Datasheet
176Kb / 3P
   Universal USB-A to Lightning, USB Micro-B and USB-C Sync/Charge Cable (M/3xM), MFi Certified, Black, 6 ft. (1.8 m)
logo
Enercon Technologies Eu...
M1012 ENERCON-M1012 Datasheet
607Kb / 11P
   DOUBLE-CONVERSION ONLINE UPS
Feb 23, 2022
logo
STMicroelectronics
M1014 STMICROELECTRONICS-M1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
M1014A STMICROELECTRONICS-M1014A Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
logo
Renesas Technology Corp
M10162040054X0ISAR RENESAS-M10162040054X0ISAR Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
More results

Similar Description - M1010-01I156.2500

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
logo
Integrated Circuit Syst...
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Integrated Circuit Syst...
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
logo
Renesas Technology Corp
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
   FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com