Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843051AGLF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843051AGLF
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843051AGLF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843051AGLF Datasheet HTML 6Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 7Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 8Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 9Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 10Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 11Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 12Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 13Page - Integrated Circuit Systems ICS843051AGLF Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
843051AG
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 14, 2004
10
Integrated
Circuit
Systems, Inc.
ICS843051
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843051.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843051 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VCC_MAX * IEE_TYP = 3.465V * 85mA = 294.5mW
Power (outputs)
MAX = 30mW/Loaded Output pair
Total Power
_MAX (3.465V, with all outputs switching) = 294.5mW + 30mW = 324.5mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 90.5°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.324W * 90.5°C/W = 99.3°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 7. THERMAL RESISTANCE
θθθθθ
JA
FOR
8-PIN TSSOP, FORCED CONVECTION
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W


Similar Part No. - ICS843051AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
   600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843051AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
NV021 IDT-NV021 Datasheet
164Kb / 14P
   Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
   Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
   FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com