Part Name
         Description
IR2308

 HALF-BRIDGE DRIVER ( 8 Page)


IRF
100% 
Zoom Out Zoom In
   
 2 page
background image
2
www.irf.com
IR2308(S) & (PbF)
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN )
VSS - 0.3
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(8 lead PDIP)
1.0
(8 lead SOIC)
0.625
RthJA
Thermal resistance, junction to ambient
(8 lead PDIP)
125
(8 lead SOIC)
200
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
V
°C
°C/W
W
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15V differential.
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
Note 1
600
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage
COM
VCC
TA
Ambient temperature
-40
125
V
Symbol
Definition
Min.
Max.
Units
°C



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9976DYN-Channel Half-Bridge Driver 1 2 3 4 5 Vishay Siliconix
IRS2183HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
ISL670080V/1.25A Peak Medium Frequency Low Cost Half-Bridge Driver 1 2 3 4 5 MoreIntersil Corporation
IR2184HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2103HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR3101Half-Bridge FredFet and Integrated Driver 1 2 3 4 5 MoreInternational Rectifier
LM5104High Voltage Half-Bridge Gate Driver with Adaptive Delay 1 2 3 4 5 MoreNational Semiconductor
LM5102High Voltage Half-Bridge Gate Driver with Programmable Delay 1 2 3 4 5 MoreNational Semiconductor
IR2104HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl